Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP-MPFC1H22 Datasheet(PDF) 2 Page - Vicor Corporation

Part # GP-MPFC1H22
Description  AC Input Front End Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

GP-MPFC1H22 Datasheet(HTML) 2 Page - Vicor Corporation

  GP-MPFC1H22 Datasheet HTML 1Page - Vicor Corporation GP-MPFC1H22 Datasheet HTML 2Page - Vicor Corporation GP-MPFC1H22 Datasheet HTML 3Page - Vicor Corporation GP-MPFC1H22 Datasheet HTML 4Page - Vicor Corporation GP-MPFC1H22 Datasheet HTML 5Page - Vicor Corporation GP-MPFC1H22 Datasheet HTML 6Page - Vicor Corporation GP-MPFC1H22 Datasheet HTML 7Page - Vicor Corporation GP-MPFC1H22 Datasheet HTML 8Page - Vicor Corporation GP-MPFC1H22 Datasheet HTML 9Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MIL-COTS PFC Front End
Rev 1.3
vicorpower.com
Page 2 of 9
01/2014
800 927.9474
Granite Power
GP-MPFC1H21
Not Recommended for New Designs
Parameter
Min
Typ
Max
Unit
Notes
Operating input voltage
102
264
Vac
Operation to 85 Vac with additional power derating -
consult Applications Engineering
Input undervoltage
<65
Vac
Shutdown
AC line frequency
47
440
Hz
Power factor
0.85
0.95
0.99
102-264 Vac
Inrush current
20
Amps
264 Vac line voltage
Input Power Transients
As specified below per MIL-HDBK-704,
no other compliance expressed or implied
1 phase 60 Hz 115 V
Table SXF109-II Test Conditions for Normal Voltage Transients for single phase 60 Hz utilization equipment compliant to test conditions A,B,C,D
Table SXF110-II Test Conditions for Normal Frequency Transients for single phase 60 Hz utilization equipment compliant to test conditions A,B,C,D,E
Table SXF302-II Test Conditions for Abnormal Voltage Transients for single phase 60 Hz utilization equipment compliant to test conditions A,B,C,D,E
Table SXF303-II Test Conditions for Abnormal Frequency Transients for single phase 60 Hz utilization equipment compliant to test conditions A,B,C,D,E
1 phase 400 Hz 115 V
Table SAC109-II Test Conditions for MIL-STD-704A Normal Voltage Transients compliant to test conditions A,B,C,D,E,F,G
Table SAC109-III Test Conditions for MIL-STD-704B,C,D,E,F Normal Voltage compliant to test conditions AA,BB,CC,DD,EE,FF,GG
Table SAC110-II Test Conditions for MIL-STD-704A Normal Frequency Transients compliant to test conditions A,B,C,D,E,F,G,H,I
Table SAC110-III Test Conditions for MIL-STD-704B,C,D,E,F Normal Frequency Transients compliant to test conditions AA,BB,CC,DD,EE,FF,GG,HH,II
Table SAC302-II Test Conditions for MIL-STD-704A Abnormal Voltage Transients compliant to test conditions A,B,C,D,E,F,G
Table SAC302-III Test Conditions for MIL-STD-704B,C,D,E,F Abnormal Voltage compliant to test conditions AA,BB,CC,DD,EE,FF,GG,OO
Table SAC303-II Test Conditions for MIL-STD-704A Abnormal Frequency Transients compliant to test conditions A,B,C,D,E
Table SAC303-III Test Conditions for MIL-STD-704B,C,D,E,F Abnormal Frequency Transients compliant to test conditions AA,BB,CC,DD,EE
INPUT SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
Electrical characteristics apply over the full operating range of input voltage, output power and baseplate temperature, unless otherwise
specified. All temperatures refer to the operating temperature at the center of the baseplate.
Parameter
Min
Typ
Max
Unit
Notes
Output power
0
1,400
Watts
See Figure 1
Efficiency
@115 Vac
92
95
%
Full load
@ 230 Vac
92
95
%
Full load
Output voltage
375
385
395
Vdc
External hold-up capacitance
1500
2000
3000
μF
Turn-on time
<3
seconds
After application of AC input.
Ripple
10
15
Vp-p
2000uF external capacitance.
OUTPUT SPECIFICATIONS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com