Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP-MPFC1HN2 Datasheet(PDF) 3 Page - Vicor Corporation

Part # GP-MPFC1HN2
Description  AC Input Front End Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

GP-MPFC1HN2 Datasheet(HTML) 3 Page - Vicor Corporation

  GP-MPFC1HN2 Datasheet HTML 1Page - Vicor Corporation GP-MPFC1HN2 Datasheet HTML 2Page - Vicor Corporation GP-MPFC1HN2 Datasheet HTML 3Page - Vicor Corporation GP-MPFC1HN2 Datasheet HTML 4Page - Vicor Corporation GP-MPFC1HN2 Datasheet HTML 5Page - Vicor Corporation GP-MPFC1HN2 Datasheet HTML 6Page - Vicor Corporation GP-MPFC1HN2 Datasheet HTML 7Page - Vicor Corporation GP-MPFC1HN2 Datasheet HTML 8Page - Vicor Corporation GP-MPFC1HN2 Datasheet HTML 9Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MIL-COTS PFC Front End
Rev 1.3
vicorpower.com
Page 3 of 9
01/2014
800 927.9474
Granite Power
GP-MPFC1H21
Not Recommended for New Designs
ELECTRICAL CHARACTERISTICS (CONT.)
AGENCY APPROVALS
Safety Standards
Agency Markings
Notes-1
EN60950-1, UL60950-1, CSA 60950-1
CE Marked
Low voltage directive
GENERAL SPECIFICATIONS
SAFETY SPECIFICATIONS
(with baseplate earthed and quick acting line fuse.)
Parameter
Min
Typ
Max
Unit
Notes
Isolation (in to out)
None
Isolation provided by DC-DC converter(s)
Dielectric withstand
1,500 / 2,121
Vac / Vdc
Baseplate earthed
(I/O to baseplate)
Leakage current
None (No internal electrical connection to the baseplate,
leakage current will be dependent on external filtering.)
Fuse (External)
15A
Bussman ABC-15 UL-listed
Parameter
Min
Typ
Max
Unit
Notes
MOD EN (open drain ouput)
>500
mS
After PFC output in regulation.
See Figure 2 for required protection components.
Low State Voltage
0.1
V
Isink = 50mA
CONTROL SPECIFICATIONS
EMI
Parameter
Standard
Notes
MIL-STD-461F Conducted Emissions
CE102
Conducted Susceptibility
CS101, CS114, CS115, CS116
Compliant when used with Vicor V375 family DC-DC
converters and external filter supplied by JMK filters, Inc.
(www.jmkfilters.com) Part # FF-2137B-13
Parameter
Min
Typ
Max
Unit
Notes
Weight
9.6 (272)
Ounces (grams)
Size
6.40 x 2.70 x 0.5
Inches
162,2 x 68,6 x 12,7
mm
MTBF
2,010,528
Hours
25˚C, Ground Benign MIL HDBK 217F
Electrical characteristics apply over the full operating range of input voltage, output power and baseplate temperature, unless otherwise
specified. All temperatures refer to the operating temperature at the center of the baseplate.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com