Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN1CS2 Datasheet(PDF) 1 Page - Vicor Corporation

Part # EN1CS2
Description  Component Power Front-end System for EN Compliance
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

EN1CS2 Datasheet(HTML) 1 Page - Vicor Corporation

  EN1CS2 Datasheet HTML 1Page - Vicor Corporation EN1CS2 Datasheet HTML 2Page - Vicor Corporation EN1CS2 Datasheet HTML 3Page - Vicor Corporation EN1CS2 Datasheet HTML 4Page - Vicor Corporation EN1CS2 Datasheet HTML 5Page - Vicor Corporation EN1CS2 Datasheet HTML 6Page - Vicor Corporation EN1CS2 Datasheet HTML 7Page - Vicor Corporation EN1CS2 Datasheet HTML 8Page - Vicor Corporation EN1CS2 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Component Power Front-end System for EN Compliance
ENMODS™
Rev 3.3
vicorpower.com
Page 1 of 13
06/2017
800 927.9474
EN1xxx
ENMODS™
Each module:
2.28 x 2.2 x 0.5in
57,9 x 55,9 x 12,7mm
S
NRTL
CUS
C
US
®
Parameter
Rating
Unit
Notes
FARM3
L to N voltage
264
VRMS
Continuous
280
VRMS
100ms
+OUT to –OUT voltage
400
VDC
BOK to –OUT voltage
16
VDC
EN to –OUT voltage
16
VDC
Mounting torque
4 – 6 (0.45 – 0.68)
in-lbs (N-m)
6 each, 4-40 screw
Operating temperature
-40 to +100
°C
H-Grade
Storage temperature
-55 to +125
°C
H-Grade
Pin soldering temperature
500 (260)
°F (°C)
<5sec; wave solder
750 (390)
°F (°C)
<7sec; hand solder
Output current
3.5
A
Baseplate temperature
100
°C
Features & Benefits
• RoHS Compliant (with F or G pin style)
• Passive harmonic current attenuation
to EN61000-3-2
• 575W rated power output
• Autoranging 115/230VAC input
• Inrush current limiting
Product Highlights
The ENMod system is a new AC front-end
solution for compliance to electromagnetic
compatibility (EMC) standards. It consists of
the MiniHAM passive harmonic attenuation
module and the FARM3 autoranging AC-DC
front-end module. Combined with the filtering
and hold-up capacitors as specified herein, the
ENMod system provides full compliance to:
EN61000-3-2 Harmonic Current
EN55022, Level B Conducted Emissions
EN61000-4-5 Surge Immunity
EN61000-4-11 Line Disturbances
EN61000-3-3 Inrush Current
The MiniHAM is the first passive product
specifically designed for compliance to EN
harmonic current limits. Unlike active PFC
solutions, the MiniHAM generates no EMI,
greatly simplifying and reducing system noise
filtering requirements. It is also considerably
smaller and more efficient than active
alternatives and improves MTBF by an order of
magnitude. Optimized for operation on the
DC bus (provided by the FARM3) rather than
directly on the AC line, it will provide harmonic
current compliance at up to 600W of input
power at 230VAC.
The 115/230VAC input FARM3 is a new
member of Vicor’s filter and autoranging
module product line that has been optimized
for use as the front-end for the MiniHAM.
Both modules are in Vicor’s standard Mini
half-brick package. Together with Vicor’s 300V
input DC-DC converters, they form the basis
of a low noise, high efficiency, rugged, simple
and reliable EN compliant power system.
Absolute Maximum Ratings
Thermal Resistance
Parameter
Min
Typ
Max
Unit
Baseplate to sink
flat, greased surface
0.16
°C/Watt
with thermal pad (P/N 20264)
0.14
°C/Watt
Baseplate to ambient
Free convection
8.0
°C/Watt
1000LFM
1.9
°C/Watt
Product Type [1]
Baseplate
1 = Slotted
2 = Threaded
3 = Thru-hole
Pin Style [2]
1 = Short Pin
2 = Long Pin
S = Short ModuMate
N = Long ModuMate
F = Short RoHS
G = Long RoHS
Product Grade Temperatures (°C)
Grade
Operating
Storage
C =
–20 to +100
–40 to +125
T =
–40 to +100
–40 to +125
H =
–40 to +100
–55 to +125
Part Numbering
[1] EN1 product includes one each MiniHAM and FARM3 with same product grade, pin
and baseplate style
[2] Pin styles S & N are compatible with the ModuMate interconnect system for socketing
and surface mounting
EN1
C
1
1


Similar Part No. - EN1CS2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
EN1CS2 VICOR-EN1CS2 Datasheet
347Kb / 12P
ENMods Component Power Front End System for EN Compliance
logo
Powerbox
EN1CS2 POWERBOX-EN1CS2 Datasheet
415Kb / 1P
AC INPUT MODULAR FRONT END SYSTEMS
logo
Vicor Corporation
EN1CS2 VICOR-EN1CS2 Datasheet
1Mb / 13P
Component Power Front-end System for EN Compliance
EN1CS2 VICOR-EN1CS2 Datasheet
879Kb / 13P
Component Power Front-end System for EN Compliance
More results

Similar Description - EN1CS2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
ENMOD VICOR-ENMOD Datasheet
347Kb / 12P
ENMods Component Power Front End System for EN Compliance
MI-AI VICOR-MI-AI Datasheet
210Kb / 2P
Military Component Front End Modules
logo
List of Unclassifed Man...
MI-AIM ETC-MI-AIM Datasheet
210Kb / 2P
Military Component Front End Modules
logo
Mean Well Enterprises C...
RCP-1000 MEANWELL-RCP-1000 Datasheet
669Kb / 8P
1000 ~ 3000W Front End Power System
logo
XP Power Limited
CPH500USC3 XPPOWER-CPH500USC3 Datasheet
86Kb / 2P
Component Power AC Front End Modules
logo
Mean Well Enterprises C...
RKP-1U MEANWELL-RKP-1U Datasheet
929Kb / 6P
2000~6000W Front End Power System
RCP-1000 MEANWELL-RCP-1000_11 Datasheet
682Kb / 8P
1000 ~ 3000W Front End Power System
logo
Vicor Corporation
ENMODS VICOR-ENMODS Datasheet
733Kb / 13P
Component Power Front-end System for EN Compliance
EN1C11 VICOR-EN1C11_15 Datasheet
1Mb / 13P
Component Power Front-end System for EN Compliance
EN1C11 VICOR-EN1C11_17 Datasheet
879Kb / 13P
Component Power Front-end System for EN Compliance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com