Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN1CF2 Datasheet(PDF) 5 Page - Vicor Corporation

Part # EN1CF2
Description  Component Power Front-end System for EN Compliance
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

EN1CF2 Datasheet(HTML) 5 Page - Vicor Corporation

  EN1CF2 Datasheet HTML 1Page - Vicor Corporation EN1CF2 Datasheet HTML 2Page - Vicor Corporation EN1CF2 Datasheet HTML 3Page - Vicor Corporation EN1CF2 Datasheet HTML 4Page - Vicor Corporation EN1CF2 Datasheet HTML 5Page - Vicor Corporation EN1CF2 Datasheet HTML 6Page - Vicor Corporation EN1CF2 Datasheet HTML 7Page - Vicor Corporation EN1CF2 Datasheet HTML 8Page - Vicor Corporation EN1CF2 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
ENMODS™
Rev 3.3
vicorpower.com
Page 5 of 13
06/2017
800 927.9474
EN1xxx
Operating Characteristics (FARM3)
Figure 3 — Start-up at 120VAC input
Figure 5 — Power-down from 120VAC
Figure 6 — Power-down from 240VAC
Figure 4 — Start-up at 240VAC input
VDC output
Strap
Engaged
IAC input @2A / mV
IAC input @2A / mV
Enable
Enable
B OK
VDC output
B OK
VDC output
Enable
B OK
VDC output
Enable
B OK
Figure 7 — Output overvoltage protection 240VAC range
VDC output
Enable
B OK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com