Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPIC1021 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPIC1021
Description  LIN Physical Interface
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC1021 Datasheet(HTML) 2 Page - Texas Instruments

  TPIC1021 Datasheet HTML 1Page - Texas Instruments TPIC1021 Datasheet HTML 2Page - Texas Instruments TPIC1021 Datasheet HTML 3Page - Texas Instruments TPIC1021 Datasheet HTML 4Page - Texas Instruments TPIC1021 Datasheet HTML 5Page - Texas Instruments TPIC1021 Datasheet HTML 6Page - Texas Instruments TPIC1021 Datasheet HTML 7Page - Texas Instruments TPIC1021 Datasheet HTML 8Page - Texas Instruments TPIC1021 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
www.ti.com
TERMINAL FUNCTIONS
LIN Bus Pin
Transmit Input Pin (TXD)
Receive Output Pin (RXD)
TPIC1021
LIN Physical Interface
SLIS113 – OCTOBER 2004
Terminal Assignments
PIN NAME
PIN NO.
PIN TYPE
DESCRIPTION
RXD
1
O
RXD output (open drain) pin interface reporting state of LIN bus voltage
EN
2
I
Enable input pin
NWake
3
I
High voltage input pin for device wake up
TXD
4
I
TXD input pin interface to control state of LIN output
GND
5
I
Ground connection
LIN
6
I/O
LIN bus pin single wire transmitter and receiver
VSUP
7
Supply
Device supply pin (connected to battery in series with external reverse blocking diode)
INH
8
O
Inhibit pin controls external voltage regulator with inhibit input
This I/O pin is the single-wire LIN bus transmitter and receiver.
Transmitter Characteristics
The driver is a low side transistor with internal current limitation and thermal shutdown. There is an internal
30-k
Ω pull-up resistor with a serial diode structure to V
sup so no external pull-up components are required for LIN
slave mode applications. An external pull-up resistor of 1 k
Ω plus a series diode to V
sup must be added when the
device is used for master node applications.
Voltage on the LIN pin can go from -40 V to +40 V DC without any currents other than through the pull-up
resistance. There are no reverse currents from the LIN bus to supply (Vsup), even in the event of a ground shift or
loss of supply (Vsup).
The LIN thresholds and ac parameters are compatible LIN Protocol Specification Revision 2.0.
During a thermal shut down condition the driver is disabled.
Receiver Characteristics
The receiver’s characteristic thresholds are ratio-metric with the device supply pin. Typical thresholds are 50%,
with a hysteresis between 5% and 17.5% of supply.
This pin is the interface to the MCU’s LIN Protocol Controller or SCI/UART used to control the state of the LIN
output. When TXD is low, LIN output is dominant (near ground). When TXD is high, LIN output is recessive (near
battery). TXD input structure is compatible with microcontrollers with 3.3 V and 5.0 V I/O. This pin has an internal
pull-down resistor.
TXD Dominant State Timeout
If the TXD pin is inadvertently driven permanently low by a hardware or software application failure, the LIN bus
is protected by TPIC1021’s Dominant State Timeout Timer. This timer is triggered by a falling edge on the TXD
pin. If the low signal remains on the TXD pin for longer than tDST, the transmitter is disabled thus allowing the LIN
bus to return to the recessive state and communication to resume on the bus. The timer is reset by a rising edge
on TXD pin.
This pin is the interface to the MCU’s LIN Protocol Controller or SCI/UART, which reports the state of the LIN
bus voltage. LIN recessive (near battery) is represented by a high level on RXD and LIN dominant (near ground)
is represented by a low level on RXD. The RXD output structure is an open-drain output stage. This allows the
TPIC1021 to be used with 3.3 V and 5 V I/O microcontrollers. If the microcontroller’s RXD pin does not have an
integrated pull-up, an external pull-up resistor to the microcontroller I/O supply voltage is required.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com