Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC382LP3 Datasheet(PDF) 5 Page - Analog Devices

Part # HMC382LP3
Description  GaAs PHEMT MMIC LOW NOISE AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC382LP3 Datasheet(HTML) 5 Page - Analog Devices

  HMC382LP3 Datasheet HTML 1Page - Analog Devices HMC382LP3 Datasheet HTML 2Page - Analog Devices HMC382LP3 Datasheet HTML 3Page - Analog Devices HMC382LP3 Datasheet HTML 4Page - Analog Devices HMC382LP3 Datasheet HTML 5Page - Analog Devices HMC382LP3 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
7
7 - 5
Pin Number
Function
Description
Interface Schematic
1, 4, 5, 7, 9,
12, 14, 16
N/C
No connection necessary. These pins may be connected to
RF/DC ground. Performance will not be affected.
2
RFIN
This pin is AC coupled and matched to 50 Ohms.
3, 6, 10
GND
These pins and package bottom must
be connected to RF/DC ground.
8Res
This pin is used to set the DC current of the amplifier
by selection of external bias resistor.
See application circuit.
11
RFOUT
This pin is AC coupled and matched to 50 Ohms.
13,15
Vdd2, Vdd1
Power supply voltage. Choke inductor and bypass
capacitors are required. See application circuit.
Pin Descriptions
Application Circuit
Note: L1, L2 and C1 should be located as close to pins as possible.
HMC382LP3 / 382LP3E
v01.0610
GaAs PHEMT MMIC
LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com