Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSA1401IF Datasheet(PDF) 16 Page - STMicroelectronics

Part # TSA1401IF
Description  14-BIT, 20MSPS, 85mW A/D CONVERTER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSA1401IF Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TSA1401IF Datasheet HTML 11Page - STMicroelectronics TSA1401IF Datasheet HTML 12Page - STMicroelectronics TSA1401IF Datasheet HTML 13Page - STMicroelectronics TSA1401IF Datasheet HTML 14Page - STMicroelectronics TSA1401IF Datasheet HTML 15Page - STMicroelectronics TSA1401IF Datasheet HTML 16Page - STMicroelectronics TSA1401IF Datasheet HTML 17Page - STMicroelectronics TSA1401IF Datasheet HTML 18Page - STMicroelectronics TSA1401IF Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
TSA1401
APPLICATION INFORMATION
16/19
- To keep the capacitive loading as low as
possible at digital outputs, short lead lengths
when routing are essential to minimize currents
when the output changes. To minimize this output
capacitance, buffers or latches close to the output
pins can relax this constraint. It is also helpful to
use 47 to 56 ohms series resistors at the ADC
output pins, located as close to the ADC output
pins as possible.
- Choose component sizes as small as possible
(SMD).
EVAL1401 evaluation board
The characterization of the board has been made
with a fully ADC devoted test bench.
The schematic of the evaluation board is shown
on figure 19. The analog signal must be filtered to
be very pure.
The dataready signal is the acquisition clock of the
logic analyzer.
All characterization measurement has been made
with an input amplitude of +0.2dB for static
parameters and -0.5dB for dynamic parameters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com