Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP10869 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CP10869
Description  ~25째 medium beam optimized for Nichia NCSxx19A. 14.3 mm high assembly.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CP10869 Datasheet(HTML) 1 Page - Ledil, Inc.

  CP10869 Datasheet HTML 1Page - Ledil, Inc. CP10869 Datasheet HTML 2Page - Ledil, Inc. CP10869 Datasheet HTML 3Page - Ledil, Inc. CP10869 Datasheet HTML 4Page - Ledil, Inc. CP10869 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
CP10869_LN3-M
LN3-M
~25°
medium
beam
optimized
for
Nichia
NCSxx19A. 14.3 mm high assembly.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 21.6 mm
Height
14.3 mm
Fastening
glue
Colour
white
Box size
480 x 280 x 300 mm
Box weight
9 kg
Quantity in Box
1680 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
LXP2-M
Lens
PMMA
clear
LN3-LH1-WHT
Holder
PC
white
Last update: 16/05/2018
Subject to change without prior notice
1/5
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CP10869

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CP108 CENTRAL-CP108 Datasheet
214Kb / 2P
Schottky Rectifier, Schottky Barrier Rectifier Chip - 2.0 Amp
CP108-1N5819-CT CENTRAL-CP108-1N5819-CT Datasheet
465Kb / 9P
P-Channel JFET Die
R1 17-January 2018
CP108-1N5819-CT CENTRAL-CP108-1N5819-CT Datasheet
530Kb / 9P
PNP - High Voltage Transistor Die
R0 8-August 2019
CP108-CRSH2-4-CT CENTRAL-CP108-CRSH2-4-CT Datasheet
465Kb / 9P
P-Channel JFET Die
R1 17-January 2018
CP108-CRSH2-4-CT CENTRAL-CP108-CRSH2-4-CT Datasheet
530Kb / 9P
PNP - High Voltage Transistor Die
R0 8-August 2019
More results

Similar Description - CP10869

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FA11540 LEDIL-FA11540 Datasheet
2Mb / 4P
~25째 medium beam optimized for Nichia NS6x83. Assembly with white holder.
CP10870 LEDIL-CP10870 Datasheet
2Mb / 4P
~9.6째 spot beam optimized for Nichia NCSxx19A. 14.3 mm high assembly.
CP10872 LEDIL-CP10872 Datasheet
2Mb / 4P
~14째 diffused spot beam optimized for Nichia NCSxx19A. 14.3 mm high assembly.
CP12405 LEDIL-CP12405 Datasheet
2Mb / 4P
~10째 x 40째 oval beam optimized for Nichia NCSxx19A. 14.3 mm high assembly
CP12406 LEDIL-CP12406 Datasheet
4Mb / 4P
~40째 wide beam optimized for Nichia NCSxx19A. 14.3 mm high assembly.
CP12414 LEDIL-CP12414 Datasheet
1Mb / 5P
~25째 medium beam optimized for Osram Oslon Square EC. 14.3 mm high assembly.
FA10697 LEDIL-FA10697 Datasheet
3Mb / 4P
~25째 medium beam optimized for Nichia NS6x83. 13.3 mm high assembly with installation tape.
FCN11458 LEDIL-FCN11458 Datasheet
1Mb / 4P
~30째 medium beam optimized for LUXEON Rebel. 14.3 mm high assembly.
FCN10803 LEDIL-FCN10803 Datasheet
1Mb / 3P
~25째 medium beam optimized for LUXEON Rebel. 14.3 mm high assembly.
FCN10805 LEDIL-FCN10805 Datasheet
1Mb / 3P
~35째 x 25째 rectangular beam optimized for LUXEON Rebel. 14.3 mm high assembly.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com