Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP10870 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CP10870
Description  ~9.6째 spot beam optimized for Nichia NCSxx19A. 14.3 mm high assembly.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CP10870 Datasheet(HTML) 1 Page - Ledil, Inc.

  CP10870 Datasheet HTML 1Page - Ledil, Inc. CP10870 Datasheet HTML 2Page - Ledil, Inc. CP10870 Datasheet HTML 3Page - Ledil, Inc. CP10870 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
CP10870_LN3-RS
LN3-RS
~9.6° spot beam optimized for Nichia NCSxx19A.
14.3 mm high assembly.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 21.6 mm
Height
14.3 mm
Fastening
glue
Colour
white
Box size
480 x 280 x 300 mm
Box weight
9 kg
Quantity in Box
1680 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
LXP2-RS
Lens
PMMA
clear
LN3-LH1-WHT
Holder
PC
white
Last update: 16/05/2018
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CP10870

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CP10872 LEDIL-CP10872 Datasheet
2Mb / 4P
~14째 diffused spot beam optimized for Nichia NCSxx19A. 14.3 mm high assembly.
More results

Similar Description - CP10870

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA12262 LEDIL-CA12262 Datasheet
2Mb / 4P
~9.6째 spot beam optimized for LUXEON Rebel. 14.3 mm high assembly with installation tape.
CP10869 LEDIL-CP10869 Datasheet
3Mb / 5P
~25째 medium beam optimized for Nichia NCSxx19A. 14.3 mm high assembly.
CP10872 LEDIL-CP10872 Datasheet
2Mb / 4P
~14째 diffused spot beam optimized for Nichia NCSxx19A. 14.3 mm high assembly.
CP12405 LEDIL-CP12405 Datasheet
2Mb / 4P
~10째 x 40째 oval beam optimized for Nichia NCSxx19A. 14.3 mm high assembly
CP12406 LEDIL-CP12406 Datasheet
4Mb / 4P
~40째 wide beam optimized for Nichia NCSxx19A. 14.3 mm high assembly.
CP12412 LEDIL-CP12412 Datasheet
2Mb / 5P
~9.6째 spot beam optimized for Osram Oslon Square EC. 14.3 mm high assembly.
FA10696 LEDIL-FA10696 Datasheet
3Mb / 4P
~9.6째 spot beam optimized for Nichia NS6x83. 13.3 mm high assembly with installation tape.
FCN11738 LEDIL-FCN11738 Datasheet
1Mb / 4P
~8.5째 spot beam optimized for LUXEON Rebel. 14.3 mm high assembly.
FCN10804 LEDIL-FCN10804 Datasheet
1Mb / 4P
~9.6째 spot beam optimized for LUXEON Rebel. 14.3 mm high assembly.
FCN10808 LEDIL-FCN10808 Datasheet
1Mb / 4P
~9.6째 spot beam optimized for CREE XR-E. 16.5 mm high assembly.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com