Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6520 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP6520
Description  8V to 32V, 1.5A, Stepper Motor Driver with Integrated MOSFETs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6520 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP6520 Datasheet HTML 7Page - Monolithic Power Systems MP6520 Datasheet HTML 8Page - Monolithic Power Systems MP6520 Datasheet HTML 9Page - Monolithic Power Systems MP6520 Datasheet HTML 10Page - Monolithic Power Systems MP6520 Datasheet HTML 11Page - Monolithic Power Systems MP6520 Datasheet HTML 12Page - Monolithic Power Systems MP6520 Datasheet HTML 13Page - Monolithic Power Systems MP6520 Datasheet HTML 14Page - Monolithic Power Systems MP6520 Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
MP6520
– 32V, 1.5A, MICROSTEPPING MOTOR DRIVER W/ INTEGRATED MOSFETS
MP6520 Rev. 1.0
www.MonolithicPower.com
12
10/10/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Table 3: Step Table (Relative Current Level Sequence)
Eighth-
Step #
Quarter-
Step #
Half-Step
#
Full-
Step #
Phase A
Current %ITrip-LIMIT
(%)
Phase B
Current %ITrip-LIMIT
(%)
Step Angle (°C)
1
1
1
100.00
0.00
0.0
2
98.08
19.51
11.3
3
2
92.39
38.27
22.5
4
83.15
55.56
33.8
*5
3
2
1
70.71
70.71
45.0
6
55.56
83.15
56.3
7
4
38.27
92.39
67.5
8
19.51
98.08
78.8
9
5
3
0.00
100.00
90.0
10
-19.51
98.08
101.3
11
6
-38.27
92.39
112.5
12
-55.56
83.15
123.8
13
7
4
2
-70.71
70.71
135.0
14
-83.15
55.56
146.3
15
8
-92.39
38.27
157.5
16
-98.08
19.51
168.8
17
9
5
-100.00
0.00
180.0
18
-98.08
-19.51
191.3
19
10
-92.39
-38.27
202.5
20
-83.15
-55.56
213.8
21
11
6
3
-70.71
-70.71
225.0
22
-55.56
-83.15
236.3
23
12
-38.27
-92.39
247.5
24
-19.51
-98.08
258.8
25
13
7
0.00
-100.00
270.0
26
19.51
-98.08
281.3
27
14
38.27
-92.39
292.5
28
55.56
-83.15
303.8
29
15
8
4
70.71
-70.71
315.0
30
83.15
-55.56
326.3
31
16
92.39
-38.27
337.5
32
98.08
-19.51
348.8
* The home position is at step angle 45°.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com