Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6522 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP6522
Description  35V, 3.2A, H-Bridge Motor Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6522 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP6522 Datasheet HTML 1Page - Monolithic Power Systems MP6522 Datasheet HTML 2Page - Monolithic Power Systems MP6522 Datasheet HTML 3Page - Monolithic Power Systems MP6522 Datasheet HTML 4Page - Monolithic Power Systems MP6522 Datasheet HTML 5Page - Monolithic Power Systems MP6522 Datasheet HTML 6Page - Monolithic Power Systems MP6522 Datasheet HTML 7Page - Monolithic Power Systems MP6522 Datasheet HTML 8Page - Monolithic Power Systems MP6522 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MP6522
– 35V, 3.2A, H-BRIDGE MOTOR DRIVER
1.0MP6522 Rev. 1.01
www.MonolithicPower.com
4
4/17/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 24V, TA = +25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Power Supply
Input supply voltage
VIN
5.4
24
35
V
Quiescent current
I
Q
VIN = 24V, nSLEEP = 1,
no load current
1.5
2
mA
I
SLEEP
VIN = 24V, nSLEEP = 0
1
µA
Charge pump frequency
fCP
660
kHz
Internal MOSFETs
Output on resistance
R
HS
VIN = 24V, IOUT = 1A,
TJ = 25°C
0.3
0.45
Ω
VIN = 24V, IOUT = 1A,
TJ = 85°C
0.35
Ω
R
LS
VIN = 24V, IOUT = 1A,
TJ = 25°C
0.3
0.45
Ω
VIN = 24V, IOUT = 1A,
TJ = 85°C
0.35
Ω
Body diode forward voltage
VF
IOUT = 1.5A
1.1
V
Control Logic
Input logic low threshold
VIL
0.8
V
Input logic high threshold
VIH
2
V
Logic input current
IIN(H)
VIH = 5V
-12
12
µA
IIN(L)
VIL = 0.8V
-2
2
µA
Internal pull-down resistance
R
PD
530
k
Ω
nFault Output (Open-Drain Output)
Output low voltage
VOL
IO = 5mA
0.5
V
Output high leakage current
IOH
VO = 3.3V
1
µA
Protection Circuits
UVLO rising threshold
V
IN_RISE
5.1
5.3
V
UVLO hysteresis
V
HYS
310
mV
Input OVP threshold
VOVP
36
38
40
V
Input OVP hysteresis
∆V
OVP
2000
mV
Over-current trip level
IOCP1
Sinking
3.2
4
5.2
A
IOCP2
Sourcing
3.2
4
5.2
A
Over-current deglitch time
tOCPD
500
ns
Over-current retry time
tOCP
0.9
ms
Thermal shutdown
TTSD
165
°C
Thermal shutdown hysteresis
∆T
TSD
30
°C
Current Control
Off time
t
ITRIP
After ITRIP
17
µs
ISET current
IISET
90
100
110
µA/A
Current trip voltage (rising)
V
ITRIP-R
At VISEN
1.44
1.5
1.56
V
Current trip voltage (falling)
V
ITRIP-F
At VISEN
1.15
1.2
1.25
V
VISEN Output
Output voltage accuracy
∆V
VISEN
VISET > 0.5V
-5
5
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com