Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-M47B Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LS-M47B
Description  white SMT package, colorless clear resin
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LS-M47B Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LS-M47B Datasheet HTML 5Page - OSRAM GmbH LS-M47B Datasheet HTML 6Page - OSRAM GmbH LS-M47B Datasheet HTML 7Page - OSRAM GmbH LS-M47B Datasheet HTML 8Page - OSRAM GmbH LS-M47B Datasheet HTML 9Page - OSRAM GmbH LS-M47B Datasheet HTML 10Page - OSRAM GmbH LS-M47B Datasheet HTML 11Page - OSRAM GmbH LS-M47B Datasheet HTML 12Page - OSRAM GmbH LS-M47B Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
LS M47B
2006-10-04
9
Maßzeichnung
8) Seite 15
Package Outlines
8)
page 15
Kathodenkennung:
abgeschrägte Ecke
Cathode mark:
bevelled edge
Gewicht / Approx. weight:
10 mg
Gurtung / Polarität und Lage
8) Seite 15
Verpackungseinheit 3000/Rolle, ø180 mm
oder 11800/Rolle, ø330 mm
Method of Taping / Polarity and Orientation
8)
page 15
Packing unit 3000/reel, ø180 mm
or 11800/reel, ø330 mm
Cathode marking
Cathode marking
Pick Up Area
1.3 (0.051)
(black line)
GPLY6069
1.5 (0.059)
1.3 (0.051)
1.0 (0.039)
0.8 (0.031)
(0.4 (0.016))
1.5 (0.059)
1.1 (0.043)
Cathode marking
Light emitting window
typ. 1.5 (0.059) x 1.0 (0.039)
(phased edges)
0.8 (0.031)
1.0 (0.039)
A
C
OHAY1358
1.5 (0.059)
2 (0.079)
4 (0.157)
1.55 (0.061)
4 (0.157)
Cathode/Collector Side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com