Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTRB-R8SR Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LTRB-R8SR
Description  SMD package with silicone resin
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LTRB-R8SR Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LTRB-R8SR Datasheet HTML 6Page - OSRAM GmbH LTRB-R8SR Datasheet HTML 7Page - OSRAM GmbH LTRB-R8SR Datasheet HTML 8Page - OSRAM GmbH LTRB-R8SR Datasheet HTML 9Page - OSRAM GmbH LTRB-R8SR Datasheet HTML 10Page - OSRAM GmbH LTRB-R8SR Datasheet HTML 11Page - OSRAM GmbH LTRB-R8SR Datasheet HTML 12Page - OSRAM GmbH LTRB-R8SR Datasheet HTML 13Page - OSRAM GmbH LTRB-R8SR Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Version 
LTRB R8SR
2017-11-15
10
Durchlassstrom
7) Seite 25
Forward Current
7) page 25
I
F = f (VF); TS = 25 °C; true green
Durchlassstrom
7) Seite 25
Forward Current
7) page 25
I
F = f (VF); TS = 25 °C; blue
Durchlassstrom
7) Seite 25
Forward Current
7) page 25
I
F = f (VF); TS = 25 °C; red
LTRBR8SR
1.6
3.9
2.0
2.5
3.0
3.5
VF [V]
5
6
7
8
9
10
20
30
IF [mA]
: true green
LTRBR8SR
1.6
3.9
2.0
2.5
3.0
3.5
VF [V]
5
6
7
8
9
10
20
30
IF [mA]
: blue
LTRBR8SR
1.6
3.9
2.0
2.5
3.0
3.5
VF [V]
5
6
7
8
9
10
20
30
IF [mA]
: red



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com