Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6534CVZ Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL6534CVZ
Description  Dual PWM with Linear
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6534CVZ Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL6534CVZ Datasheet HTML 9Page - Renesas Technology Corp ISL6534CVZ Datasheet HTML 10Page - Renesas Technology Corp ISL6534CVZ Datasheet HTML 11Page - Renesas Technology Corp ISL6534CVZ Datasheet HTML 12Page - Renesas Technology Corp ISL6534CVZ Datasheet HTML 13Page - Renesas Technology Corp ISL6534CVZ Datasheet HTML 14Page - Renesas Technology Corp ISL6534CVZ Datasheet HTML 15Page - Renesas Technology Corp ISL6534CVZ Datasheet HTML 16Page - Renesas Technology Corp ISL6534CVZ Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
ISL6534
FN9134 Rev 2.00
Page 13 of 29
Nov 18, 2005
The soft-start pins can share the same capacitor, to ramp
them all at the same rate (but since there will be 3 times the
current, the value of the capacitor needs to be approximately
3 times bigger, for the same ramp rate).
Note that each output rise does not start until its SS/EN
voltage reaches ~1V; the output will then start to ramp up
until the soft-start is > ~3.3V (ramp is done). PGOOD will not
go active unless all three ramps are >3.3V (and no faults are
detected).
Figure 9 shows the start-up waveform for VOUT1 at power
up. In this example, the VCC voltage is generated from the
internal shunt regulator. The ramp of the 12V is controlled by
the external power supply; it can vary widely, depending
upon the type and model used. The ramp of the shunt more
or less follows the VCC12 until it reaches its regulation point
at ~5.8V. Both VCC and VCC12 must be past their rising
POR trip points before SS1 starts rising. The order doesn’t
matter, and may be different, especially when the VCC uses
an independent supply. In most cases with the shunt
regulator, the VCC12 POR is 2nd; when it hits ~8V, the
SS1/EN1 ramp begins. When SS1/EN1 reaches ~1V, the
output starts ramping up, and the ramp is complete when
SS1/EN1 reaches ~3.3V.
Note that if VIN1 is tied to a supply other than either VCC or
VCC12, then it MUST be up above the desired output
voltage (or at least ramping there ahead of the output)
before the SS1/EN1 reaches ~1V. If not, the short-circuit
protection will trigger, and shut down all three outputs,
requiring a POR on either VCC or VCC12 to restart. If either
VCC or VCC12 is used as VIN, then the voltage levels
should be sufficient, as long as the design can function at the
POR levels, since both must hit their POR levels before
starting up. So, for example, if the VCC12 supply was also
used as VIN, then as long as the output could start up at
VIN = ~8V (the VCC12 rising POR trip point) the start-up
condition is satisfied.
PGOOD
The PGOOD open-drain pull-down device is on when power
is first applied to the IC, forcing the pin to a logic low, for
power “Not Good”. After all 3 soft-start pins complete their
ramp up with no faults (no short detected on either switcher),
the power is considered “Good”, and the output pin goes
high-impedance (to be pulled up to a logic high level with an
external pull-up resistor). Figure 10 shows an example, with
a fast SS1 and VOUT1, a slower SS3 and VOUT3, and the
PGOOD output. The PGOOD waits for the last of the SS
signals (EN3/SS3 here) to reach their ramp-done trip point
before it goes high.
If any of the SS/EN pins is held low, PGOOD will not go high;
thus, if one of the three outputs is not used, and the PGOOD
function is desired, then that SS/EN should be allowed to
charge high, and the other pins of the unused regulator
should be tied so as not to cause a fault or shutdown.
Options for OUT1 include: tying FB1 to COMP1, or tying FB1
to VCC, and leaving COMP1 open. VOUT2 is a little more
difficult; Tie REFIN, FB2, COMP2 to GND; or tie FB2 to
COMP2, and tie REFIN to a voltage well under 3V (to avoid
the short-circuit shutdown). In all of these cases, leave the
LGATE and UGATE pins open; tie BOOT pin to VCC12. See
section “Linear (VOUT3) Component Selection” for
considerations for disabling the linear output, while keeping
PGOOD active.
FIGURE 9. START-UP (12V, VCC, SS1/EN1, VOUT1)
SS1/EN1
SS2/EN2
SS3/EN3
CSS1
CSS2
CSS3
EN3
EN1, 2
OPEN-DRAIN
LOGIC SIGNALS
FIGURE 8. 1 AND 2 ENABLED TOGETHER BUT HAVE
INDEPENDENT SOFT-STARTS. 3 IS FULLY
INDEPENDENT.
GND>
VOUT1 (1V/DIV)
12V (4V/DIV)
GND>
GND>
GND>
SS1/EN1 (1V/DIV)
VCC (4V/DIV)
~8V POR
~1.0V
~3.3V
FIGURE 10. PGOOD OUTPUT
GND>
SS1/EN1 (1V/DIV)
SS3/EN3 (1V/DIV)
GND>
GND>
GND>
VOUT3 (1V/DIV)
VOUT1 (1V/DIV)
PGOOD (1V/DIV)
GND>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com