Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6535CBZ Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ISL6535CBZ
Description  Synchronous Buck Pulse-Width Modulator (PWM) Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6535CBZ Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ISL6535CBZ Datasheet HTML 6Page - Renesas Technology Corp ISL6535CBZ Datasheet HTML 7Page - Renesas Technology Corp ISL6535CBZ Datasheet HTML 8Page - Renesas Technology Corp ISL6535CBZ Datasheet HTML 9Page - Renesas Technology Corp ISL6535CBZ Datasheet HTML 10Page - Renesas Technology Corp ISL6535CBZ Datasheet HTML 11Page - Renesas Technology Corp ISL6535CBZ Datasheet HTML 12Page - Renesas Technology Corp ISL6535CBZ Datasheet HTML 13Page - Renesas Technology Corp ISL6535CBZ Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
ISL6535
FN9255 Rev 3.00
Page 10 of 15
March 3, 2016
Compensating the Converter
The ISL6535 Single-phase converter is a voltage-mode controller.
This section highlights the design consideration for a voltage-mode
controller requiring external compensation. To address a broad
range of applications, a type-3 feedback network is
recommended (see Figure 9).
Figure 10 highlights the voltage-mode control loop for a
synchronous-rectified buck converter. The output voltage is
regulated to the reference voltage level. The error amplifier
output is compared with the oscillator triangle wave to provide a
pulse-width modulated wave with an amplitude of VIN at the
PHASE node. The PWM wave is smoothed by the output filter. The
output filter capacitor bank’s equivalent series resistance is
represented by the series resistor ESR.
The modulator transfer function is the small-signal transfer
function of VOUT/VCOMP. This function is dominated by a DC gain
and shaped by the output filter, with a double pole break
frequency at FLC and a zero at FCE. For the purpose of this
analysis, L and DCR represent the output inductance and its
DCR, while C and ESR represents the total output capacitance
and its equivalent series resistance.
The compensation network consists of the error amplifier
(internal to the ISL6535) and the external R1 to R3, C1 to C3
components. The goal of the compensation network is to provide
a closed loop transfer function with high 0dB crossing frequency
(F0; typically 0.1 to 0.3 of fSW) and adequate phase margin
(better than 45°). Phase margin is the difference between the
closed loop phase at F0dB and 180°. The equations that follow
relate the compensation network’s poles, zeros and gain to the
components (R1, R2, R3, C1, C2 and C3) in Figures 9 and 10.
Use the following guidelines for locating the poles and zeros of
the compensation network:
1. Select a value for R1 (1kΩ to 10kΩ, typically). Calculate value
for R2 for desired converter bandwidth (F0). If setting the
output voltage to be equal to the reference set voltage, as
shown in Figure 10, the design procedure can be followed as
presented.
As the ISL6535 supports 100% duty cycle, DMAX equals 1.
The ISL6535 uses a fixed ramp amplitude (VOSC) of 1.9V,
Equation 8 simplifies to Equation 9:
2. Calculate C1 such that FZ1 is placed at a fraction of the FLC,
at 0.1 to 0.75 of FLC (to adjust, change the 0.5 factor in
Equation 10 to the desired number). The higher the quality
factor of the output filter and/or the higher the ratio FCE/FLC,
the lower the FZ1 frequency (to maximize phase boost at FLC).
3. Calculate C2 such that FP1 is placed at FCE.
4. Calculate R3 such that FZ2 is placed at FLC. Calculate C3 such
that FP2 is placed below fSW (typically, 0.3 to 1.0 times fSW).
fSW represents the switching frequency of the regulator.
Change the numerical factor (0.7) below to reflect desired
placement of this pole. Placement of FP2 lower in frequency
helps reduce the gain of the compensation network at high
frequency, in turn reducing the HF ripple component at the
COMP pin and minimizing resultant duty cycle jitter.
It is recommended that a mathematical model be used to plot
the loop response. Check the loop gain against the error
amplifier’s open-loop gain. Verify phase margin results and
adjust as necessary. The following equations describe the
frequency response of the modulator (GMOD), feedback
compensation (GFB) and closed-loop response (GCL):
COMPENSATION BREAK FREQUENCY EQUATIONS
Figure 11 on page 11 shows an asymptotic plot of the DC/DC
converter’s gain vs frequency. The actual Modulator Gain has a
high gain peak dependent on the quality factor (Q) of the output
filter, which is not shown. Using the previously mentioned
guidelines should yield a compensation gain similar to the curve
plotted. The open loop error amplifier gain bounds the
compensation gain. Check the compensation gain at FP2 against
the capabilities of the error amplifier. The closed loop gain, GCL,
is constructed on the log-log graph of Figure 11 by adding the
modulator gain, GMOD (in dB), to the feedback compensation
gain, GFB (in dB). This is equivalent to multiplying the modulator
transfer function and the compensation transfer function and
then plotting the resulting gain.
FLC
1
2
LC
---------------------------
=
FCE
1
2
 C ESR

---------------------------------
=
(EQ. 7)
R2
VOSC R1 F0

DMAX VIN FLC

----------------------------------------------
=
(EQ. 8)
R2
1.9 R1 F0

VIN FLC
-------------------------------
=
(EQ. 9)
C1
1
2
 R
2 0.5 FLC

-----------------------------------------------
=
(EQ. 10)
C2
C1
2
 R
2 C1 FCE
1
–

--------------------------------------------------------
=
(EQ. 11)
R3
R1
fSW
FLC
----------- 1
–
--------------------
=
C3
1
2
 R
3 0.7 fSW

-----------------------------------------------
=
(EQ. 12)
GMOD f
DMAX VIN
VOSC
-------------------------------
1s f
 ESR C

+
1s f
 ESR DCR
+
 C

s
2 f LC

++
-----------------------------------------------------------------------------------------------------------
=
GFB f
1s f
 R
2 C1

+
sf
 R
1
C1 C2
+


----------------------------------------------------
=
1s f
 R
1
R3
+
 C
3

+
1s f
 R
3 C3

+
 1s f
 R
2
C1 C2
C1 C2
+
---------------------




+



-------------------------------------------------------------------------------------------------------------------------
GCL f
GMOD f GFB f
=
where s f

2
 fj

=
(EQ. 13)
FZ1
1
2
 R
2 C1

-------------------------------
=
FZ2
1
2
 R
1
R3
+
 C
3

-------------------------------------------------
=
FP1
1
2
 R
2
C1 C2
C1 C2
+
---------------------

---------------------------------------------
=
FP2
1
2
 R
3 C3

-------------------------------
=
(EQ. 14)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com