Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6535IBZ Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ISL6535IBZ
Description  Synchronous Buck Pulse-Width Modulator (PWM) Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6535IBZ Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ISL6535IBZ Datasheet HTML 7Page - Renesas Technology Corp ISL6535IBZ Datasheet HTML 8Page - Renesas Technology Corp ISL6535IBZ Datasheet HTML 9Page - Renesas Technology Corp ISL6535IBZ Datasheet HTML 10Page - Renesas Technology Corp ISL6535IBZ Datasheet HTML 11Page - Renesas Technology Corp ISL6535IBZ Datasheet HTML 12Page - Renesas Technology Corp ISL6535IBZ Datasheet HTML 13Page - Renesas Technology Corp ISL6535IBZ Datasheet HTML 14Page - Renesas Technology Corp ISL6535IBZ Datasheet HTML 15Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
ISL6535
FN9255 Rev 3.00
Page 14 of 15
March 3, 2016
Package Outline Drawing
M14.15
14 LEAD NARROW BODY SMALL OUTLINE PLASTIC PACKAGE
Rev 1, 10/09
A
D
4
0.25
A-B
MC
C
0.10 C
5
B
D
3
0.10 A-B
C
4
0.20 C 2X
2X
0.10
D
C
2X
H
0.10 C
6
3
6
ID MARK
PIN NO.1
(0.35) x 45°
SEATING PLANE
GAUGE PLANE
0.25
(5.40)
(1.50)
1.27
0.31-0.51
4° ± 4°
DETAIL"A"
0.22±0.03
0.10-0.25
1.25 MIN
1.75 MAX
(1.27)
(0.6)
6.0
8.65
3.9
7
14
8
Dimensioning and tolerancing conform to AMSEY14.5m-1994.
Dimension does not include interlead flash or protrusions.
Dimensions in (
) for Reference Only.
Interlead flash or protrusions shall not exceed 0.25mm per side.
Datums A and B to be determined at Datum H.
4.
5.
3.
2.
Dimensions are in millimeters.
NOTES:
1.
The pin #1 indentifier may be either a mold or mark feature.
6. Does not include dambar protrusion. Allowable dambar protrusion
7. Reference to JEDEC MS-012-AB.
shall be 0.10mm total in excess of lead width at maximum condition.
DETAIL "A"
SIDE VIEW
TYPICAL RECOMMENDED LAND PATTERN
TOP VIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com