Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6540ACRZ Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ISL6540ACRZ
Description  Single-Phase Buck PWM Controller with Integrated High Speed MOSFET Driver and Pre-Biased Load Capability
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6540ACRZ Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ISL6540ACRZ Datasheet HTML 14Page - Renesas Technology Corp ISL6540ACRZ Datasheet HTML 15Page - Renesas Technology Corp ISL6540ACRZ Datasheet HTML 16Page - Renesas Technology Corp ISL6540ACRZ Datasheet HTML 17Page - Renesas Technology Corp ISL6540ACRZ Datasheet HTML 18Page - Renesas Technology Corp ISL6540ACRZ Datasheet HTML 19Page - Renesas Technology Corp ISL6540ACRZ Datasheet HTML 20Page - Renesas Technology Corp ISL6540ACRZ Datasheet HTML 21Page - Renesas Technology Corp ISL6540ACRZ Datasheet HTML 22Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
FN6288 Rev 5.00
Page 21 of 22
Oct 7, 2008
ISL6540A
Intersil products are manufactured, assembled and tested utilizing ISO9001 quality systems as noted
in the quality certifications found at www.intersil.com/en/support/qualandreliability.html
Intersil products are sold by description only. Intersil may modify the circuit design and/or specifications of products at any time without notice, provided that such
modification does not, in Intersil's sole judgment, affect the form, fit or function of the product. Accordingly, the reader is cautioned to verify that datasheets are
current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its
subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
For additional products, see www.intersil.com/en/products.html
© Copyright Intersil Americas LLC 2006-2008. All Rights Reserved.
All trademarks and registered trademarks are the property of their respective owners.
the largest component of power dissipation for both the
upper and the lower MOSFETs. These losses are distributed
between the two MOSFETs according to duty factor (see the
equations below). The upper MOSFET exhibits turn-on and
turn-off switching losses as well as the reverse recover loss,
while the synchronous rectifier exhibits body-diode
conduction losses during the leading and trailing edge dead
times.
where D is the duty cycle = VO/VIN; Qrr is the reverse
recover charge; tDLand tDT are leading and trailing edge
dead time, and tON and tOFF are the switching intervals.
These equations do not include the gate-charge losses that
are proportional to the total gate charge and the switching
frequency and partially dissipated by the internal gate
resistance of the MOSFETs. Ensure that both MOSFETs are
within their maximum junction temperature at high ambient
temperature by calculating the temperature rise according to
package thermal-resistance specifications. A separate
heatsink may be necessary depending upon MOSFET
power, package type, ambient temperature and air flow.
PLOWER
IO
2
I
2
12
--------
+

 rDS ON
,L
NL
---------------------------
1D
–
 P
DEAD
+
=
PDEAD
IO
I
12
------
+

 V
DT
tDT
IO
I
12
------
–

 V
DL
tDL
+
FS
=
PSW
IO
I
12
------
+

 t
OFF
IO
I
12
------
–

 t
ON
+
VIN F
S
=
PUPPER
IO
2
I
2
12
--------
+

 rDS ON
,U
NU
----------------------------
DPSW PQrr
++
=
PQrr
Qrr VIN F
S
=
(EQ. 22)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com