Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6552CBZ Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ISL6552CBZ
Description  Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6552CBZ Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ISL6552CBZ Datasheet HTML 6Page - Renesas Technology Corp ISL6552CBZ Datasheet HTML 7Page - Renesas Technology Corp ISL6552CBZ Datasheet HTML 8Page - Renesas Technology Corp ISL6552CBZ Datasheet HTML 9Page - Renesas Technology Corp ISL6552CBZ Datasheet HTML 10Page - Renesas Technology Corp ISL6552CBZ Datasheet HTML 11Page - Renesas Technology Corp ISL6552CBZ Datasheet HTML 12Page - Renesas Technology Corp ISL6552CBZ Datasheet HTML 13Page - Renesas Technology Corp ISL6552CBZ Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
ISL6552
FN4918 Rev 2.00
Page 10 of 18
July 2004
rise to the three state level in PWM 1 output during first 32
PWM cycles.
Figure 4 shows the waveforms when the regulator is operating
at 200kHz. Note that the Soft-Start duration is a function of the
channel frequency as explained previously. Also note the
pulses on the COMP terminal. These pulses are the current
correction signal feeding into the comparator input (see the
Block Diagram
).
Figure 5 shows the regulator operating from an ATX supply. In
this figure, note the slight rise in PGOOD as the 5V supply
rises. The PGOOD output stage is made up of NMOS and
PMOS transistors. On the rising VCC, the PMOS device
becomes active slightly before the NMOS transistor pulls
“down”, generating the slight rise in the PGOOD voltage.
Note that Figure 5 shows the 12V gate driver voltage available
before the 5V supply to the ISL6552 has reached its threshold
level. If conditions were reversed and the 5V supply was to rise
first, the start-up sequence would be different. In this case the
ISL6552 will sense an over-current condition due to charging
the output capacitors. The supply will then restart and go
through the normal Soft-Start cycle.
Fault Protection
The ISL6552 protects the microprocessor and the entire power
system from damaging stress levels. Within the ISL6552 both
Over-Voltage and Over-Current circuits are incorporated to
protect the load and regulator.
Over-Voltage
The VSEN pin is connected to the microprocessor CORE
voltage. A CORE over-voltage condition is detected when the
VSEN pin goes more than 15% above the programmed VID
level.
The over-voltage condition is latched, disabling normal PWM
operation, and causing PGOOD to go low. The latch can only
be reset by lowering and returning VCC high to initiate a POR
and Soft-Start sequence.
During a latched over-voltage, the PWM outputs will be driven
either low or three state, depending upon the VSEN input.
PWM outputs are driven low when the VSEN pin detects that
the CORE voltage is 15% above the programmed VID level.
This condition drives the PWM outputs low, resulting in the
lower or synchronous rectifier MOSFETs to conduct and shunt
the CORE voltage to ground to protect the load.
If after this event, the CORE voltage falls below the over-
voltage limit (plus some hysteresis), the PWM outputs will
three state. The HIP6601 family drivers pass the three state
information along, and shuts off both upper and lower
MOSFETs. This prevents “dumping” of the output capacitors
back through the lower MOSFETs, avoiding a possibly
destructive ringing of the capacitors and output inductors. If the
PWM 1
PGOOD
VCORE
5V
OUTPUT
VCC
VIN = 12V
DELAY TIME
FIGURE 3. START-UP OF 4 PHASE SYSTEM OPERATING AT
500kHz
PGOOD
VCORE
5V
V COMP
VCC
VIN = 12V
DELAY TIME
FIGURE 4. START-UP OF 4 PHASE SYSTEM OPERATING AT
200kHz
12V ATX
SUPPLY
PGOOD
5 V ATX
VCORE
SUPPLY
ATX SUPPLY ACTIVATED BY ATX “PS-ON PIN”
VIN = 5V, CORE LOAD CURRENT = 31A
FIGURE 5. SUPPLY POWERED BY ATX SUPPLY
FREQUENCY 200kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com