Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAVI-252H Datasheet(PDF) 1 Page - Mini-Circuits

Part # LAVI-252H
Description  Frequency Mixer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

LAVI-252H Datasheet(HTML) 1 Page - Mini-Circuits

  LAVI-252H Datasheet HTML 1Page - Mini-Circuits LAVI-252H Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1 of 2
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Level 17 (LO Power +17 dBm) 200 to 2500 MHz
Frequency Mixer
High IP3
Maximum Ratings
Pin Connections
Electrical Specifications (T
AMB=25ºC)
Typical Performance Data
Operating Temperature
-45°C to 85°C
Storage Temperature
-55°C to 100°C
LO Power
+23 dBm
RF Power
+20 dBm
Features
• high IP3, 25 dBm typ.
• wideband, 200 to 2500 MHz
• excellent L-R isolation, 40 dB typ.
and L-I isolation, 45 dB typ.
• high 1 dB compression, 17 dBm typ.
• shielded metal cover
• aqueous washable
• protected by US Patent 6,807,407
Applications
• cellular/PCS base stations
• ISM applications
• wideband communications
• defense communications
LAVI-252H+
Frequency
(MHz)
Conversion
Loss
(dB)
Isolation
L-R
(dB)
Isolation
L-I
(dB)
VSWR
RF Port
(:1)
VSWR
LO Port
(:1)
IP3
(dBm)
IF
Freq.
(MHz)
VSWR
IF
(:1)
RF
LO
LO
+17dBm
LO
+17dBm
LO
+17dBm
LO
+17dBm
LO
+17dBm
LO
+17dBm
LO
+17dBm
FREQUENCY
(MHz)
CONVERSION LOSS*
(dB)
RF in
at 1dB
Compr
(dBm)
IP3
(dBm)
LO-RF
ISOLATION
(dB)
LO-IF
ISOLATION
(dB)
RF
LO
IF
Typ.
σ
Max.
Typ.
Typ.
Typ. Min.
Typ. Min.
200-2500
130-2430
50-2000
7.8
0.25
10.3
+17
25
40
25
45
33
Demo Board MCL P/N: TB-433+
Suggested PCB Layout (PL-012)
LO
10
RF
14
IF
2
GROUND
1,3,4,5,6,7,8,9,11,12,13,15,16
200.10
130.10
7.15
49.54
47.51
1.47
2.09
22.89
50.10
1.31
360.10
290.10
7.07
45.88
49.54
1.64
2.26
23.73
200.10
1.40
520.10
450.10
6.99
46.60
53.42
1.72
2.44
23.68
350.10
1.55
640.10
570.10
7.22
45.06
57.45
1.73
2.57
25.47
500.10
1.81
840.10
770.10
7.34
43.28
71.70
1.69
2.75
24.43
650.10
1.97
960.10
890.10
7.40
42.56
58.43
1.67
2.80
25.57
800.10
2.19
1240.10
1170.10
7.59
44.20
48.94
1.70
2.76
26.35
950.10
2.25
1400.10
1330.10
7.80
44.57
47.62
1.69
2.68
26.80
1100.10
2.31
1560.10
1490.10
7.62
41.48
46.18
1.53
2.59
26.27
1250.10
2.21
1720.10
1650.10
7.54
39.51
46.16
1.26
2.53
24.16
1400.10
2.19
1880.10
1810.10
7.72
39.24
45.42
1.32
2.61
23.32
1550.10
1.93
2000.10
1930.10
7.79
38.56
44.29
1.51
2.70
24.43
1700.10
1.77
2160.10
2090.10
8.20
36.91
44.23
1.75
2.77
25.60
1850.10
1.54
2360.10
2290.10
8.64
35.23
47.27
1.96
2.68
26.89
1930.10
1.51
2500.10
2430.10
9.15
34.83
52.94
2.05
2.54
27.99
2000.10
1.46
*Conversion Loss at IF=70 MHz
REV. A
M151107
LAVI-252H+
ED-12678A-1
WL/CP
150813
Outline Dimensions (
)
inch
mm
Outline Drawing
Electrical Schematic
A
B
C
D
E
F
G
H
J
K
.500 .500 .180 .100 .080 .115 .060 .040 .540 .060
12.7 12.7 4.572 2.54 2.032 2.921 1.524 1.016 13.72 1.524
L
M
N
P
Q
R
S
T
wt.
.100 .135 .135 .115 .140 .070 .150 .070
grams
2.54 3.429 3.429 2.921 3.556 1.778 3.81 1.778
1.0
Suggested Layout,
Tolerance to be within±.002
PCB Land Pattern
Permanent damage may occur if any of these limits are exceeded.
CASE STYLE: CK605
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications


Similar Part No. - LAVI-252H

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
LAVI-252VH MINI-LAVI-252VH Datasheet
366Kb / 2P
Frequency Mixer
LAVI-252VH+ MINI-LAVI-252VH+ Datasheet
366Kb / 2P
Frequency Mixer
More results

Similar Description - LAVI-252H

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADE-10MH MINI-ADE-10MH Datasheet
47Kb / 1P
Frequency Mixer
HJK-20VH MINI-HJK-20VH Datasheet
193Kb / 2P
Frequency Mixer
ADE-1 MINI-ADE-1 Datasheet
231Kb / 2P
Frequency Mixer
MBA-9 MINI-MBA-9 Datasheet
60Kb / 1P
Frequency Mixer
ADE-92 MINI-ADE-92 Datasheet
608Kb / 3P
Frequency Mixer
ADE-92MH MINI-ADE-92MH Datasheet
465Kb / 3P
Frequency Mixer
VAY-1 MINI-VAY-1 Datasheet
213Kb / 2P
Frequency Mixer
ZAD-11H MINI-ZAD-11H Datasheet
288Kb / 2P
Frequency Mixer
ZFM-3H MINI-ZFM-3H Datasheet
261Kb / 2P
Frequency Mixer
ZFM-4 MINI-ZFM-4 Datasheet
264Kb / 2P
Frequency Mixer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com