Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC-12GL Datasheet(PDF) 2 Page - Mini-Circuits

Part # MAC-12GL
Description  Frequency Mixers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

MAC-12GL Datasheet(HTML) 2 Page - Mini-Circuits

  MAC-12GL Datasheet HTML 1Page - Mini-Circuits MAC-12GL Datasheet HTML 2Page - Mini-Circuits MAC-12GL Datasheet HTML 3Page - Mini-Circuits MAC-12GL Datasheet HTML 4Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 2 of 4
Level 4 (LO Power+4 dBm) 3800 to 12000 MHz
Frequency Mixer wide band
Ceramic, Hermetically Sealed
Demo Board MCL P/N: TB-956+
Suggested PCB Layout (PL-045)
Maximum Ratings
Pin Connections
Features
• satellite up and down converters
• line of sight links
• defense radar
• defense communications
• federal fixed service
LO
10
RF
5
IF
3
GROUND
1,2,4,6,7,8,9
Applications
Operating Temperature
-55°C to 125°C
Storage Temperature
-65°C to 150°C
RF Power
50 mW
IF Current
40 mA
REV. D
M161191
ED-14156/18
MAC-12GL+
DJ/CP/AM
170427
MAC-12GL+
• wide bandwidth, 3800 to 12000 MHz
• low conversion loss, 6.5 dB typ.
• LTCC double balanced mixer
• aqueous washable
• low cost
• low profile, 0.060”
• protected by US Patent 7,027,795
• 3-YEAR GUARANTEE -The Most Reliable Mixers
Outline Drawing
Outline Dimensions (
)
inch
mm
Permanent damage may occur if any of these limits are exceeded.
A
B
C
D
E
FG
.30
.250
.060
--
.050
.050
.030
7.62
6.35
1.52
--
1.27
1.27
0.76
H
J
K
L
M
wt
.056
--
.085
.270
.035
grams
1.42
--
2.16
6.86
0.89
0.29
Typical Performance Data at 25°C and LO=+4dBm
Frequency
(MHz)
Conversion
Loss
(dB)
Isolation
L-R
(dB)
Isolation
L-I
(dB)
VSWR
RF Port
(:1)
VSWR
LO Port
(:1)
RF
LO
LO
+4dBm
LO
+4dBm
LO
+4dBm
LO
+4dBm
LO
+4dBm
3800.1
3830.1
6.35
30.42
10.56
2.34
2.90
4200.1
4230.1
5.51
32.77
12.76
2.15
2.70
4600.1
4630.1
5.28
27.72
13.86
1.91
2.52
5000.1
5030.1
5.10
32.19
13.55
1.61
2.18
5400.1
5430.1
6.54
28.60
13.99
2.28
2.08
5800.1
5830.1
6.68
22.18
15.45
1.74
1.90
6200.1
6230.1
5.73
25.92
21.74
1.69
2.12
6600.1
6630.1
5.56
31.00
28.54
1.88
2.49
7000.1
7030.1
7.08
33.32
34.88
3.61
3.11
7400.1
7430.1
6.15
36.12
38.97
2.86
3.71
7800.1
7830.1
6.04
38.70
39.09
2.50
3.67
8200.1
8230.1
6.18
37.98
40.53
2.18
2.84
8600.1
8630.1
6.75
33.29
43.61
1.91
2.46
9000.1
9030.1
6.97
35.90
45.62
1.69
2.37
9400.1
9430.1
6.25
34.57
37.89
1.33
2.58
9800.1
9830.1
6.02
30.95
28.95
1.49
3.24
10200.1
10230.1
6.25
32.14
19.45
1.94
3.40
10800.1
10830.1
5.98
26.15
24.86
2.02
1.96
11600.1
11630.1
6.71
24.05
25.58
2.12
1.29
12000.1
12030.1
6.79
26.31
21.89
2.39
1.93
PCB Land Pattern
Suggested Layout,
Tolerance to be within ±.002
Electrical Schematic
Electrical Specifications at 25°C
Parameter
Condition (MHz)
Min.
Typ.
Max.
Units
Frequency Range, LO/RF
3800 - 12000
MHz
Frequency Range, IF
DC - 1500
MHz
Conversion Loss*
3800 - 6500
—
6.0
8.3
dB
6500 - 9500
—
6.5
8.6
9500 - 12000
—
6.3
8.9
LO to RF Isolation
3800 - 6500
21
30
—
dB
6500 - 9500
28
34
—
9500 - 12000
19
22
—
LO to IF Isolation
3800 - 6500
9
15
—
dB
6500 - 9500
26
41
—
9500 - 12000
14
24
—
IP3
3800 - 6500
—
9
—
dBm
6500 - 9500
—
6
—
9500 - 12000
—
11
—
RF Input Power at 1 dB Compression
+1
dBm
*Conversion Loss measured at 30 MHz IF.
CASE STYLE: DZ1650
Available Tape and
Reel
at no extra cost
Reel Size
Devices/Reel
7”
10, 20, 50, 100, 200, 500
13”
1000
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com