Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6553CBZ Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ISL6553CBZ
Description  Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6553CBZ Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ISL6553CBZ Datasheet HTML 7Page - Renesas Technology Corp ISL6553CBZ Datasheet HTML 8Page - Renesas Technology Corp ISL6553CBZ Datasheet HTML 9Page - Renesas Technology Corp ISL6553CBZ Datasheet HTML 10Page - Renesas Technology Corp ISL6553CBZ Datasheet HTML 11Page - Renesas Technology Corp ISL6553CBZ Datasheet HTML 12Page - Renesas Technology Corp ISL6553CBZ Datasheet HTML 13Page - Renesas Technology Corp ISL6553CBZ Datasheet HTML 14Page - Renesas Technology Corp ISL6553CBZ Datasheet HTML 15Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
ISL6553
FN4931 Rev 1.00
Page 14 of 15
August 2004
Input Capacitor Selection
The important parameters for the bulk input capacitors are
the voltage rating and the RMS current rating. For reliable
operation, select bulk input capacitors with voltage and
current ratings above the maximum input voltage and largest
RMS current required by the circuit. The capacitor voltage
rating should be at least 1.25 times greater than the
maximum input voltage and a voltage rating of 1.5 times is a
conservative guideline. The RMS current required for a multi-
phase converter can be approximated with the aid of Figure
13.
First determine the operating duty ratio as the ratio of the
output voltage divided by the input voltage. Find the Current
Multiplier from the curve with the appropriate power channels.
Multiply the current multiplier by the full load output current.
The resulting value is the RMS current rating required by the
input capacitor.
Use a mix of input bypass capacitors to control the voltage
overshoot across the MOSFETs. Use ceramic capacitance
for the high frequency decoupling and bulk capacitors to
supply the RMS current. Small ceramic capacitors should be
placed very close to the drain of the upper MOSFET to
suppress the voltage induced in the parasitic circuit
impedances.
For bulk capacitance, several electrolytic capacitors (Panasonic
HFQ series or Nichicon PL series or Sanyo MV-GX or equivalent)
may be needed. For surface mount designs, solid tantalum
capacitors can be used, but caution must be exercised with
regard to the capacitor surge current rating. These capacitors
must be capable of handling the surge-current at power-up. The
TPS series available from AVX, and the 593D series from
Sprague are both surge current tested.
MOSFET Selection and Considerations
In high-current PWM applications, the MOSFET power
dissipation, package selection and heatsink are the dominant
design factors. The power dissipation includes two loss
components; conduction loss and switching loss. These losses
are distributed between the upper and lower MOSFETs
according to duty factor (see the following equations). The
conduction losses are the main component of power
dissipation for the lower MOSFETs, Q2 and Q4 of Figure 1.
Only the upper MOSFETs, Q1 and Q3 have significant
switching losses, since the lower device turns on and off into
near zero voltage.
The equations assume linear voltage-current transitions and
do not model power loss due to the reverse-recovery of the
lower MOSFETs body diode. The gate-charge losses are
dissipated by the Driver IC and don’t heat the MOSFETs.
However, large gate-charge increases the switching time, tSW
which increases the upper MOSFET switching losses. Ensure
that both MOSFETs are within their maximum junction
temperature at high ambient temperature by calculating the
temperature rise according to package thermal-resistance
specifications. A separate heatsink may be necessary
depending upon MOSFET power, package type, ambient
temperature and air flow.
A diode, anode to ground, may be placed across Q2 and Q4 of
Figure 1. These diodes function as a clamp that catches the
negative inductor swing during the dead time between the turn
off of the lower MOSFETs and the turn on of the upper
MOSFETs. The diodes must be a Schottky type to prevent the
lossy parasitic MOSFET body diode from conducting. It is
usually acceptable to omit the diodes and let the body diodes
of the lower MOSFETs clamp the negative inductor swing, but
efficiency could drop one or two percent as a result. The
diode's rated reverse breakdown voltage must be greater than
the maximum input voltage.
References
Intersil documents are available on the web at
www.intersil.com/
[1] HIP6601/HIP6603 Data Sheet, Intersil Corporation,
File No. 4819
[2] HIP6602 Data Sheet, Intersil Corporation, File No. 4838
1.0
0.8
0.6
0.4
0.2
0
0
0.1
0.2
0.3
0.4
0.5
DUTY CYCLE (VO/VIN)
SINGLE
CHANNEL
2 CHANNEL
3 CHANNEL
4 CHANNEL
FIGURE 12. RIPPLE CURRENT vs DUTY CYCLE
0.5
0.4
0.3
0.2
0.1
0
0
0.1
0.2
0.3
0.4
0.5
DUTY CYCLE (VO/VIN)
SINGLE
CHANNEL
3 CHANNEL
4 CHANNEL
2 CHANNEL
FIGURE 13. CURRENT MULTIPLIER vs DUTY CYCLE
PUPPER
IO
2
rDS ON

VOUT
VIN
------------------------------------------------------------
IO VIN
tSW
FSW
2
----------------------------------------------------------
+
=
PLOWER
IO
2
r
DS ON

VIN VOUT
–

VIN
---------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com