Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUW-CPDP Datasheet(PDF) 2 Page - OSRAM GmbH

Part # LUW-CPDP
Description  SMD ceramic package with silicon resin with lens
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LUW-CPDP Datasheet(HTML) 2 Page - OSRAM GmbH

  LUW-CPDP Datasheet HTML 1Page - OSRAM GmbH LUW-CPDP Datasheet HTML 2Page - OSRAM GmbH LUW-CPDP Datasheet HTML 3Page - OSRAM GmbH LUW-CPDP Datasheet HTML 4Page - OSRAM GmbH LUW-CPDP Datasheet HTML 5Page - OSRAM GmbH LUW-CPDP Datasheet HTML 6Page - OSRAM GmbH LUW-CPDP Datasheet HTML 7Page - OSRAM GmbH LUW-CPDP Datasheet HTML 8Page - OSRAM GmbH LUW-CPDP Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2011-03-24
2
Released
LUW CPDP
Bestellinformation
Ordering Information
Typ
Type
Farb-
temperatur
color
temperature
Lichtstrom
1) Seite 21
Luminous
Flux
1) page 21
I
F = 350 mA
Φ
V(lm)
Lichtstärke
2) Seite 21
Luminous
Intensity
2) page 21
I
F = 350 mA
I
V (cd)
Bestellnummer
Ordering Code
LUW CPDP-KTLP-5E8G-1
LUW CPDP-KULQ-5E8G-1
5700 K
97.0 ... 121.0
104.2 ... 130.0
28 (typ.)
30 (typ.)
Q65111A0831
Q65111A0834
LUW CPDP-KTLP-5D8F-1
LUW CPDP-KULQ-5D8F-1
6000vK
97.0 ... 121.0
104.2 ... 130.0
28 (typ.)
30 (typ.)
Q65111A0833
Q65111A0836
LUW CPDP-KTLP-5C8E-1
LUW CPDP-KULQ-5C8E-1
6500 K
97.0 ... 121.0
104.2 ... 130.0
28 (typ.)
30 (typ.))
Q65111A0832
Q65111A0835
Bestellinformation
Ordering Information
Typ
Type
Emissions-
farbe
Color of
Emission
Lichtstrom
1) Seite 21
Luminous
Flux
1) page 21
I
F = 350 mA
Φ
V(lm)
Lichtstärke
2) Seite 21
Luminous
Intensity
2) page 21
I
F = 350 mA
I
V (cd)
Bestellnummer
Ordering Code
LUW CPDP-KULQ-6P7R-1
ultra white
104.2 ... 130.0
30 (typ.)
Q65111A0837
LUW CPDP-LPLR-6P7R-1
ultra white
112.0 ... 140.0
32 (typ.)
Q65111A0838



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com