Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUW-CQDP Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LUW-CQDP
Description  SMD ceramic package with silicon resin with lens
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LUW-CQDP Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LUW-CQDP Datasheet HTML 6Page - OSRAM GmbH LUW-CQDP Datasheet HTML 7Page - OSRAM GmbH LUW-CQDP Datasheet HTML 8Page - OSRAM GmbH LUW-CQDP Datasheet HTML 9Page - OSRAM GmbH LUW-CQDP Datasheet HTML 10Page - OSRAM GmbH LUW-CQDP Datasheet HTML 11Page - OSRAM GmbH LUW-CQDP Datasheet HTML 12Page - OSRAM GmbH LUW-CQDP Datasheet HTML 13Page - OSRAM GmbH LUW-CQDP Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Released
LUW CQDP
2011-08-01
10
Durchlassstrom
2) Seite 20
Forward Current2) page 20
I
F = f (VF); TS = 25 °C
Farbortverschiebung
2) Seite 20
Chromaticity Coordinate Shift2)
Seite 20
x, y =
f (I
F); TS = 25 °C
Relativer Lichtstrom
2) Seite 20
Relative Luminous Flux2) page 20
Φ
VV(350 mA) = f (I
F); TS = 25 °C
OHL04589
F
I
V
mA
2.8
F
V
200
400
600
800
1000
3.0
3.2
3.4
3.6
3.8
OHL04353
Cx,
Cy
100
F
I
mA
-0.015
Cy
Cx
300
500
700
1000
-0.010
-0.005
0
0.005
0.010
0.015
OHL04588
I
F
Φ (350 mA)
V
V
Φ
0
mA
200
400
600
1000
0.5
1.0
1.5
2.0
2.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com