Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83SL314IB Datasheet(PDF) 61 Page - Exar Corporation

Part # XRT83SL314IB
Description  14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL314IB Datasheet(HTML) 61 Page - Exar Corporation

Back Button XRT83SL314IB Datasheet HTML 57Page - Exar Corporation XRT83SL314IB Datasheet HTML 58Page - Exar Corporation XRT83SL314IB Datasheet HTML 59Page - Exar Corporation XRT83SL314IB Datasheet HTML 60Page - Exar Corporation XRT83SL314IB Datasheet HTML 61Page - Exar Corporation XRT83SL314IB Datasheet HTML 62Page - Exar Corporation XRT83SL314IB Datasheet HTML 63Page - Exar Corporation XRT83SL314IB Datasheet HTML 64Page - Exar Corporation XRT83SL314IB Datasheet HTML 65Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 85 page
background image
XRT83SL314
14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
PRELIMINARY
REV. P1.0.5
56
D2
INSBPV
Insert Bipolar Violation
When this bit transitions from a "0" to a "1", a bipolar violation will
be inserted in the transmitted QRSS/PRBS pattern. The state of
this bit will be sampled on the rising edge of TCLK. To ensure
proper operation, it is recommended to write a "0" to this bit before
writing a "1".
R/W
0
D1
INSBER
Insert Bit Error
When this bit transitions from a "0" to a "1", a bit error will be
inserted in the transmitted QRSS/PRBS pattern. The state of this
bit will be sampled on the rising edge of TCLK. To ensure proper
operation, it is recommended to write a "0" to this bit before writing
a "1".
R/W
0
D0
Reserved
This Register Bit is Not Used.
TABLE 29: MICROPROCESSOR REGISTER 0X04H BIT DESCRIPTION
CHANNEL 0-13 (0X04H-0XD4H)
BIT
NAME
FUNCTION
Register
Type
Default
Value
(HW reset)
D7
EQFLAGE
Equalizer Attenuation Flag Enable
0 = Masks the EQFLAG function
1 = Enables Interrupt Generation
R/W
0
D6
DMOIE
Digital Monitor Output Interrupt Enable
0 = Masks the DMO function
1 = Enables Interrupt Generation
R/W
0
D5
FLSIE
FIFO Limit Status Interrupt Enable
0 = Masks the FLS function
1 = Enables Interrupt Generation
R/W
0
D4
LCV/OFIE
Line Code Violation / Counter Overflow Interrupt Enable
0 = Masks the LCV/OF function
1 = Enables Interrupt Generation
R/W
0
D3
NLCDIE
Network Loop Code Detection Interrupt Enable
0 = Masks the NLCD function
1 = Enables Interrupt Generation
R/W
0
D2
AISIE
Alarm Indication Signal Interrupt Enable
0 = Masks the AIS function
1 = Enables Interrupt Generation
R/W
0
TABLE 28: MICROPROCESSOR REGISTER 0X03H BIT DESCRIPTION
CHANNEL 0-13 (0X03H-0XD3H)
BIT
NAME
FUNCTION
Register
Type
Default
Value
(HW reset)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com