Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6567 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL6567
Description  Multipurpose Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6567 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL6567 Datasheet HTML 9Page - Renesas Technology Corp ISL6567 Datasheet HTML 10Page - Renesas Technology Corp ISL6567 Datasheet HTML 11Page - Renesas Technology Corp ISL6567 Datasheet HTML 12Page - Renesas Technology Corp ISL6567 Datasheet HTML 13Page - Renesas Technology Corp ISL6567 Datasheet HTML 14Page - Renesas Technology Corp ISL6567 Datasheet HTML 15Page - Renesas Technology Corp ISL6567 Datasheet HTML 16Page - Renesas Technology Corp ISL6567 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
ISL6567
FN9243 Rev 4.00
Page 13 of 26
August 9, 2011
The differential amplifier can be used even if remote output
sensing is not desired or not feasible, simply connect RGND to
the local ground and connect VSEN to the output voltage being
monitored. Should one desire to bypass the differential
amplifier, the circuit in Figure 9 is recommended as the proper
implementation. Since its output is monitored for OVP and
PGOOD purposes, the differential amplifier needs to be
connected to the feedback circuit at all times, hence its input
connections to FB and local ground. However, its output, VDIFF,
can be left open. The resistor divider setting the output voltage
is calculated in a manner identical to that already revealed.
DIFFERENTIAL AMPLIFIER’S UNITY GAIN NETWORK
The differential amplifier on the ISL6567 utilizes a typical
resistive network along with active compensating circuitry to
set its unity gain. This resistive network can affect the DC
regulation setpoint in proportion to its relative magnitude
compared to the external output voltage setting resistor
divider. Figure 10 details the internal resistive network. For
minimal impact on the output voltage setting, follow the
guidelines presented in “Setting the Output Voltage” on
page 12.
EXTERNAL REFERENCE OPERATION
The ISL6567 is capable of accepting an external voltage and
using it as a reference for its output regulation. To enable this
mode of operation, the MON pin potential has to be below 3.5V
and the reference voltage has to be connected to the REFTRK
pin. The internal or external reference mode of operation is
latched in every time the POR is released or the ISL6567 is
enabled. The highest magnitude external reference fed to the
REFTRK pin that the ISL6567 can follow is limited to 2.3V. The
ISL6567 utilizes a small initial negative offset (typically about
50mV) in the voltage loop at the beginning of it soft-start, to
counteract any positive offsets that may have undesirable
effects. As this initial offset is phased out as the reference is
ramped up to around 200mV, in order to avoid an error in the
output regulation level, it is recommended the external
reference has an amplitude (final, DC level) exceeding 300mV.
While in external reference (ER) mode, the threshold sensitive
MON pin can be used to control when the ISL6567 starts to
monitor the output for PGOOD and OVP protection purposes.
As shown in Figure 11, connect the MON pin to the voltage to
be monitored via a resistor divider. An internal current source
helps set a user-adjustable monitor threshold hysteresis.
Choose resistor values according to desired hysteresis voltage,
VH, and desired rising threshold, VT. Make note that, in these
equations, VREF refers to the reference of the MON comparator
(300mV).
Intersil recommends the MON threshold is set to be tripped
when the external reference voltage reaches at least 90% of
the final DC value. Since PGOOD and OVP monitoring are
relative to the external reference magnitude, it is important to
understand that the PGOOD and OVP thresholds will move in
proportion to the moving reference (externally soft-started
reference). Thus, the absolute thresholds of PGOOD and OVP.
FIGURE 9. SETTING THE OUTPUT VOLTAGE AT THE FB PIN
-
+
EXTERNAL CIRCUIT
ISL6567
VSEN
RGND
RP
DIFFERENTIAL
AMPLIFIER
X1
FB
-
+
To VOUT
+
VREF
ERROR
AMPLIFIER
RS(R1)
VDIFF
FIGURE 10. SETTING THE OUTPUT VOLTAGE AT THE INPUT OF
THE DIFFERENTIAL AMPLIFIER
EXTERNAL
ISL6567
VSEN
RGND
VDIFF
DIFFERENTIAL
AMPLIFIER
-
+
ZIN
CIRCUIT
~2µA
ZIN > 240k
OVER PROCESS, TEMPERATURE, AND
0 < VSEN-RGND < 2.5V
FIGURE 11. SETTING THE MONITORING THRESHOLD AND
HYSTERESIS
EXTERNAL CIRCUIT
ISL6567
RP
MON
MON
COMPARATOR
RS
(300mV)
(10µA)
VCC
-
+
+
-
IH
VREF
VDIFF
RS
VH
IH
------
=
RP
RS VREF
VT VREF
–
-------------------------
=
(EQ. 9)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com