Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUW-CVBP.CE Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LUW-CVBP.CE
Description  SMD ceramic package with silicone resin with lens
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LUW-CVBP.CE Datasheet(HTML) 1 Page - OSRAM GmbH

  LUW-CVBP.CE Datasheet HTML 1Page - OSRAM GmbH LUW-CVBP.CE Datasheet HTML 2Page - OSRAM GmbH LUW-CVBP.CE Datasheet HTML 3Page - OSRAM GmbH LUW-CVBP.CE Datasheet HTML 4Page - OSRAM GmbH LUW-CVBP.CE Datasheet HTML 5Page - OSRAM GmbH LUW-CVBP.CE Datasheet HTML 6Page - OSRAM GmbH LUW-CVBP.CE Datasheet HTML 7Page - OSRAM GmbH LUW-CVBP.CE Datasheet HTML 8Page - OSRAM GmbH LUW-CVBP.CE Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
2015-11-26
1
2015-11-26
OSLON LX ECE
Datasheet
Version 1.7
LUW CVBP.CE
Features:
Besondere Merkmale:
•
Package: SMD ceramic package with silicone
resin with lens
•
Gehäusetyp: SMD Keramik Gehäuse mit
Silikonverguss und Linse
•
Technology: ThinGaN (UX:3)
•
Technologie: ThinGaN (UX:3)
•
Viewing angle at 50 % IV: 120°
•
Abstrahlwinkel bei 50 % IV: 120°
•
Color: acc. to white area ECE/SAE
•
Farbe: acc. to white area ECE/SAE
•
ESD - withstand voltage: 8 kV acc. to
ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
•
ESD - Festigkeit: 8 kV nach ANSI/ESDA/JEDEC
JS-001 (HBM, Klasse 3B)
•
Corrosion Robustness: Improved corrosion
robustness
•
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
•
Qualifications: The product qualification test plan
is based on the guidelines of AEC-Q101-REV-C,
Stress Test Qualification for Automotive Grade
Discrete Semiconductors.
•
Qualifikationen: Die Produktqualifikation wurde
entsprechend der Richtlinie AEC-Q101-REV-C,
„Stress Test Qualification for Automotive Grade
Discrete Semiconductors“, getestet.
Applications
Anwendungen
•
Bending light
•
Abbiegelicht
•
Day time running light
•
Tagfahrlicht
•
Fog lamp
•
Nebelscheinwerfer
•
Cornering light
•
Kurvenfahrlicht
•
Back-up light
•
Rückfahrleuchte
•
Bicycle Lamps
•
Fahrradlampe
•
Working lamp
•
Arbeitsscheinwerfer


Similar Part No. - LUW-CVBP.CE

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LUW-C9EN OSRAM-LUW-C9EN Datasheet
380Kb / 18P
SMD ceramic package with diffused silicone resin
LUW-C9EP OSRAM-LUW-C9EP Datasheet
616Kb / 18P
SMD ceramic package with diffused silicone resin
LUW-C9SN OSRAM-LUW-C9SN Datasheet
369Kb / 18P
SMD ceramic package with silicon resin
LUW-C9SP OSRAM-LUW-C9SP Datasheet
590Kb / 18P
SMD ceramic package with silicon resin
logo
ams-OSRAM AG
LUW-CEUN-CE AMSOSRAM-LUW-CEUN-CE Datasheet
1Mb / 24P
OSLON® Compact CM
2024-03-12
More results

Similar Description - LUW-CVBP.CE

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LDCN5M-4Q4R-35-1 OSRAM-LDCN5M-4Q4R-35-1 Datasheet
973Kb / 21P
SMD ceramic package with silicone resin with lens
LJCKBP-JZKZ-25-1 OSRAM-LJCKBP-JZKZ-25-1 Datasheet
977Kb / 22P
SMD ceramic package with silicone resin with lens
LMWCNAP-6J7K-37-DF-LH OSRAM-LMWCNAP-6J7K-37-DF-LH Datasheet
419Kb / 22P
SMD ceramic package with silicone resin with lens
LUWCVBP.CE OSRAM-LUWCVBP.CE Datasheet
758Kb / 22P
SMD ceramic package with silicone resin with lens
LB-CL7P OSRAM-LB-CL7P Datasheet
578Kb / 21P
SMD ceramic package with silicone resin with lens
LD-CN5M OSRAM-LD-CN5M Datasheet
973Kb / 21P
SMD ceramic package with silicone resin with lens
LT-CN5M OSRAM-LT-CN5M Datasheet
1Mb / 21P
SMD ceramic package with silicone resin with lens
LY-CKBP OSRAM-LY-CKBP Datasheet
618Kb / 22P
SMD ceramic package with silicone resin with lens
LY-CN5M OSRAM-LY-CN5M Datasheet
3Mb / 21P
SMD ceramic package with silicone resin with lens
LUW-CN5M OSRAM-LUW-CN5M Datasheet
919Kb / 21P
SMD ceramic package with silicone resin with lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com