Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FF50R12RT4 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # FF50R12RT4
Description  34mm Modul mit schnellem Trench
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FF50R12RT4 Datasheet(HTML) 4 Page - Infineon Technologies AG

  FF50R12RT4 Datasheet HTML 1Page - Infineon Technologies AG FF50R12RT4 Datasheet HTML 2Page - Infineon Technologies AG FF50R12RT4 Datasheet HTML 3Page - Infineon Technologies AG FF50R12RT4 Datasheet HTML 4Page - Infineon Technologies AG FF50R12RT4 Datasheet HTML 5Page - Infineon Technologies AG FF50R12RT4 Datasheet HTML 6Page - Infineon Technologies AG FF50R12RT4 Datasheet HTML 7Page - Infineon Technologies AG FF50R12RT4 Datasheet HTML 8Page - Infineon Technologies AG FF50R12RT4 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
TechnischeInformation/TechnicalInformation
FF50R12RT4
IGBT-Module
IGBT-modules
preparedby:MK
approvedby:RO
dateofpublication:2013-11-05
revision:2.0
VorläufigeDaten
PreliminaryData
Modul/Module
Isolations-Prüfspannung
Isolationtestvoltage
RMS, f = 50 Hz, t = 1 min.
VISOL

4,0
 kV
MaterialModulgrundplatte
Materialofmodulebaseplate



Cu
 
InnereIsolation
Internalisolation
Basisisolierung(Schutzklasse1,EN61140)
basicinsulation(class1,IEC61140)


Al2O3
 
Kriechstrecke
Creepagedistance
Kontakt-Kühlkörper/terminaltoheatsink
Kontakt-Kontakt/terminaltoterminal


17,0
20,0
 mm
Luftstrecke
Clearance
Kontakt-Kühlkörper/terminaltoheatsink
Kontakt-Kontakt/terminaltoterminal


17,0
9,5
 mm
VergleichszahlderKriechwegbildung
Comperativetrackingindex

CTI

> 200
 
min.
typ.
max.
Wärmewiderstand,GehäusebisKühlkörper
Thermalresistance,casetoheatsink
proModul/permodule
λPaste=1W/(m·K)/λgrease=1W/(m·K)
RthCH

0,05
K/W
Modulstreuinduktivität
Strayinductancemodule

LsCE

30

nH
Modulleitungswiderstand,Anschlüsse-
Chip
Moduleleadresistance,terminals-chip
TC=25°C,proSchalter/perswitch
RCC'+EE'

0,65

m
Ω
Lagertemperatur
Storagetemperature

Tstg
-40

125
°C
Anzugsdrehmomentf.Modulmontage
Mountingtorqueformodulmounting
SchraubeM6-Montagegem.gültigerApplikationsschrift
ScrewM6-Mountingaccordingtovalidapplicationnote
M
3,00
-
5,00
Nm
Anzugsdrehmomentf.elektr.Anschlüsse
Terminalconnectiontorque
SchraubeM5-Montagegem.gültigerApplikationsschrift
ScrewM5-Mountingaccordingtovalidapplicationnote
M
2,5
-
5,0
Nm
Gewicht
Weight

G

160

g



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com