Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUW-F65G Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LUW-F65G
Description  SMD package with lens
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LUW-F65G Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LUW-F65G Datasheet HTML 6Page - OSRAM GmbH LUW-F65G Datasheet HTML 7Page - OSRAM GmbH LUW-F65G Datasheet HTML 8Page - OSRAM GmbH LUW-F65G Datasheet HTML 9Page - OSRAM GmbH LUW-F65G Datasheet HTML 10Page - OSRAM GmbH LUW-F65G Datasheet HTML 11Page - OSRAM GmbH LUW-F65G Datasheet HTML 12Page - OSRAM GmbH LUW-F65G Datasheet HTML 13Page - OSRAM GmbH LUW-F65G Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Vorläufige Daten / Preliminary Data
LUW F65G
2008-12-03
10
Durchlassstrom
2) Seite 19
Forward Current
2) page 19
I
F = f (VF); TA = 25 °C
Farbortverschiebung
2) Seite 15
Chromaticity Coordinate Shift
2) page 15
x, y =
f (I
F); TA = 25 °C
Relative Lichtstrom
2) 7) Seite 19
Relative Luminous Flux
2) 7) page 19
Φ
V/ΦV
(700 mA) = f (IF); TA = 25 °C
3.5
2
2.0
10
1
10
3.0
2.5
10
3
mA
4.5
4.0 V
OHL02520
5
5
VF
F
I
-0.010
0
IF
mA
ΔΔ
Cx, Cy
OHL03474
Cx
Cy
200
400
600
800
1200
-0.005
0
0.005
0.010
0.015
0.020
0.025
0.035
V (700 mA)
V
I
F
10
1
10
2
10
3
mA
5
5
OHL02688
Φ
Φ
0
10
-1
10
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com