Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS15765 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CS15765
Description  ~65째 wide beam. New revision.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CS15765 Datasheet(HTML) 1 Page - Ledil, Inc.

  CS15765 Datasheet HTML 1Page - Ledil, Inc. CS15765 Datasheet HTML 2Page - Ledil, Inc. CS15765 Datasheet HTML 3Page - Ledil, Inc. CS15765 Datasheet HTML 4Page - Ledil, Inc. CS15765 Datasheet HTML 5Page - Ledil, Inc. CS15765 Datasheet HTML 6Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PRODUCT
DATASHEET
CS15765_HB-2X2MX-8-WWW
HB-2X2MX-8-WWW
~65° wide beam. New revision.
TECHNICAL SPECIFICATIONS:
Dimensions
90x90 mm
Height
16.4 mm
Fastening
screw
Colour
clear
Box size
480 x 280 x 300 mm
Box weight
8.4 kg
Quantity in Box
156 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
HB-2X2MX-8-WWW
Lens array
PMMA
clear
STRADA-2X2MX-8-SEAL
Seal
Silicone
clear
Last update: 10/07/2017
Subject to change without prior notice
1/6
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CS15765

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CS15761 LEDIL-CS15761 Datasheet
4Mb / 6P
Type II/III (Long) beam for very wide pole to pole distances
CS15763 LEDIL-CS15763 Datasheet
3Mb / 6P
IESNA Type V (square) for wide areas lighting such as car parks. New revision.
CS15767 LEDIL-CS15767 Datasheet
4Mb / 6P
~30째 wide beam. New revision.
CS15769 LEDIL-CS15769 Datasheet
3Mb / 6P
IESNA Type II (short) beam perfect for high or dense pole setups and European ME roads.
More results

Similar Description - CS15765

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA10244 LEDIL-CA10244_18 Datasheet
2Mb / 4P
~65째 wide beam. Assembly with tape.
CP13069 LEDIL-CP13069 Datasheet
2Mb / 5P
~65째 65째 rectangular beam
CS15759 LEDIL-CS15759 Datasheet
3Mb / 5P
~50째 wide beam. New revision.
CS15767 LEDIL-CS15767 Datasheet
4Mb / 6P
~30째 wide beam. New revision.
C13413 LEDIL-C13413 Datasheet
2Mb / 8P
~65째 wide beam with 7 optics
CP12637 LEDIL-CP12637 Datasheet
3Mb / 5P
~65째 wide beam
C16735 LEDIL-C16735 Datasheet
2Mb / 4P
~65째 wide beam
DAISY-MINI-WW LEDIL-DAISY-MINI-WW Datasheet
2Mb / 6P
~65째 wide beam
CA13633 LEDIL-CA13633 Datasheet
18Mb / 10P
~65째 wide beam.
C12359 LEDIL-C12359 Datasheet
1Mb / 5P
~65째 wide beam
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com