Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUW-HWQP Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LUW-HWQP
Description  SMD epoxy package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LUW-HWQP Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LUW-HWQP Datasheet HTML 6Page - OSRAM GmbH LUW-HWQP Datasheet HTML 7Page - OSRAM GmbH LUW-HWQP Datasheet HTML 8Page - OSRAM GmbH LUW-HWQP Datasheet HTML 9Page - OSRAM GmbH LUW-HWQP Datasheet HTML 10Page - OSRAM GmbH LUW-HWQP Datasheet HTML 11Page - OSRAM GmbH LUW-HWQP Datasheet HTML 12Page - OSRAM GmbH LUW-HWQP Datasheet HTML 13Page - OSRAM GmbH LUW-HWQP Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
2016-10-27
10
Version 1.7
LUW HWQP
Relative Forward Voltage 5) page 23
Relative Vorwärtsspannung 5) Seite 23
ΔVF = VF - VF(25 °C) = f(Tj); IF = 1000 mA
Relative Luminous Flux 5) page 23
Relativer Lichtstrom 5) Seite 23
ΦV/ΦV(25 °C) = f(Tj); IF = 1000 mA
Chromaticity Coordinate Shift 5) page 23
Farbortverschiebung 5) Seite 23
Cx, Cy = f(Tj); IF = 1000 mA
LUW HWQP
-4
0
-2
0
0
20
40
60
80
10
0
12
0
14
0
Tj [°C]
-0,3
-0,2
-0,1
0,0
0,1
0,2
0,3
∆VF [V]
LUW HWQP
-4
0
-2
0
0
20
40
60
80
10
0
12
0
14
0
Tj [°C]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
Φ
v
Φ
v(25°C)
LUW HWQP
-4
0
-2
0
0
20
40
60
80
10
0
12
0
14
0
Tj [°C]
0,320
0,325
0,330
0,335
Cx
Cy
: Cx
: Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com