Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUW-JLSH Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LUW-JLSH
Description  white SMT package, colored silicone resin
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LUW-JLSH Datasheet(HTML) 4 Page - OSRAM GmbH

  LUW-JLSH Datasheet HTML 1Page - OSRAM GmbH LUW-JLSH Datasheet HTML 2Page - OSRAM GmbH LUW-JLSH Datasheet HTML 3Page - OSRAM GmbH LUW-JLSH Datasheet HTML 4Page - OSRAM GmbH LUW-JLSH Datasheet HTML 5Page - OSRAM GmbH LUW-JLSH Datasheet HTML 6Page - OSRAM GmbH LUW-JLSH Datasheet HTML 7Page - OSRAM GmbH LUW-JLSH Datasheet HTML 8Page - OSRAM GmbH LUW-JLSH Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
2017-07-18
4
Version 1.
9 (not for new design)
LUW JLSH
Characteristics (T
S = 25 °C; IF = 20 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Chromaticity coordinates acc. to CIE 1931
2) page 22
Farbkoordinaten nach CIE 1931 2) Seite 22
(typ.)
(typ.)
Cx
Cy
0.29
0.27
-
-
Viewing angle at 50 % I
V
Abstrahlwinkel bei 50 % I
V
(typ.)
2ϕ
110
°
Forward voltage 3) page 22 , 4) page 22
Durchlassspannung 3) Seite 22 , 4) Seite 22
(min.)
(typ.)
(max.)
V
F
V
F
V
F
2.80
3.05
3.60
V
V
V
Reverse current
Sperrstrom
I
R
not designed for
reverse operation
Real thermal resistance junction / ambient
5) page 22 , 6) page 22
Realer Wärmewiderstand Sperrschicht /
Umgebung
5) Seite 22 , 6) Seite 22
(typ.)
R
th JA real
280
K/W
"Electrical" thermal resistance junction / ambient
6) page 22
"Elektrischer" Wärmewiderstand Sperrschicht /
Lötpad 6) Seite 22
(with efficiency η
e = 20 %)
(typ.)
R
th JA el
224
K/W
Real thermal resistance junction / solder point
6) page 22
Realer Wärmewiderstand Sperrschicht / Lötpad
6) Seite 22
(typ.)
(max.)
R
th JS real
R
th JS real
125
162
K/W
K/W
"Electrical" thermal resistance junction / solder
point 6) page 22
"Elektrischer" Wärmewiderstand Sperrschicht /
Lötpad 6) Seite 22
(with efficiency η
e = 20 %)
(typ.)
(max.)
R
th JS el
R
th JS el
100
130
K/W
K/W
Note:
Individual forward voltage groups see next page
Anm.:
Durchlassspannungsgruppen siehe nächste Seite



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com