Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUW-W5AM Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LUW-W5AM
Description  white SMT package with clear silicone lens, chip level conversion
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LUW-W5AM Datasheet(HTML) 1 Page - OSRAM GmbH

  LUW-W5AM Datasheet HTML 1Page - OSRAM GmbH LUW-W5AM Datasheet HTML 2Page - OSRAM GmbH LUW-W5AM Datasheet HTML 3Page - OSRAM GmbH LUW-W5AM Datasheet HTML 4Page - OSRAM GmbH LUW-W5AM Datasheet HTML 5Page - OSRAM GmbH LUW-W5AM Datasheet HTML 6Page - OSRAM GmbH LUW-W5AM Datasheet HTML 7Page - OSRAM GmbH LUW-W5AM Datasheet HTML 8Page - OSRAM GmbH LUW-W5AM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
2015-12-16
1
2015-12-16
Golden DRAGON
® Plus
Datasheet
Version 1.1
LUW W5AM
This Golden DRAGON® family member allows the
design of small size high brightness light sources,
while meeting highest lifetime requirements.
Dieses Mitglied der Golden-DRAGON®-Familie
ermöglicht die Entwicklung kleiner und dennoch heller
Lichtquellen - unter höchsten Ansprüchen an deren
Lebenserwartung.
Features:
Besondere Merkmale:
Package: white SMT package with clear silicone
lens, chip level conversion
Gehäusetyp: white SMT package with clear
silicone lens, chip level conversion
Technology: ThinGaN
Technologie: ThinGaN
Viewing angle at 50 % I
V: 170°
Abstrahlwinkel bei 50 % I
V: 170°
Luminous Flux: typ. 116 lm
Lichtstrom: typ. 116 lm
Luminous efficacy: typ. 104 lm/W
Lichtausbeute: typ. 104 lm/W
Lumen Maintenance: Test results according to
IESNA LM-80 available
Lichtstromerhaltung: Testergebnisse nach
IESNA LM-80 verfügbar
Applications
Anwendungen
Backlighting (switches, keys, displays, illuminated
advertising, general lighting...)
Hinterleuchtung (LCD, Handy, Schalter, Tasten,
Displays, Werbebeleuchtung,
Allgemeinbeleuchtung)
Reading lamps
Leselampen
Commercial lighting
Werbeleuchten
Architectural lighting
Architekturbeleuchtung
Marker lights (e.g. steps, exit ways, etc.)
Markierungsbeleuchtnung (z.B. Stufen,
Fluchtwege, etc.)
Street and tunnel lighting
Straßen und Tunnel
Color: Cx = 0.31, Cy = 0.32 acc. to CIE 1931
Farbe: Cx = 0.31, Cy = 0.32 acc. to CIE 1931


Similar Part No. - LUW-W5AM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LUW-W5AP OSRAM-LUW-W5AP Datasheet
848Kb / 20P
dark SMD package, colorless clear silicone resin, silicone lense; chip level conversion
More results

Similar Description - LUW-W5AM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LBW5AM OSRAM-LBW5AM Datasheet
316Kb / 21P
white SMT package with clear silicone lens, chip level conversion
LUWW5AM OSRAM-LUWW5AM Datasheet
2Mb / 28P
white SMT package with clear silicone lens, chip level conversion
LCWW5AM OSRAM-LCWW5AM Datasheet
1Mb / 23P
white SMD package, colorless clear silicone resin, clear silicone lens, chip level conversion
LWW5AM OSRAM-LWW5AM Datasheet
1Mb / 23P
white SMT package with clear silicone lens, chip level conversion
LB-W5AM OSRAM-LB-W5AM Datasheet
316Kb / 21P
white SMT package with clear silicone lens, chip level conversion
LH-W5AM OSRAM-LH-W5AM Datasheet
317Kb / 21P
white SMT package with clear silicone lens, chip level conversion
LT-W5AM OSRAM-LT-W5AM Datasheet
1Mb / 23P
white SMT package with clear silicone lens, chip level conversion
LCW-W5SM OSRAM-LCW-W5SM Datasheet
839Kb / 26P
white SMD package, colorless clear silicone resin, chip level conversion
LW-W5AM OSRAM-LW-W5AM Datasheet
568Kb / 18P
white SMD package, colorless clear silicone resin, clear silicone lens, chip level conversion
LCW-W5AM OSRAM-LCW-W5AM Datasheet
1Mb / 23P
white SMD package, colorless clear silicone resin, clear silicone lens, chip level conversion
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com