Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL9000IRBCZ Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL9000IRBCZ
Description  Dual LDO with Low Noise, Very High PSRR and Low IQ
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9000IRBCZ Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL9000IRBCZ Datasheet HTML 1Page - Renesas Technology Corp ISL9000IRBCZ Datasheet HTML 2Page - Renesas Technology Corp ISL9000IRBCZ Datasheet HTML 3Page - Renesas Technology Corp ISL9000IRBCZ Datasheet HTML 4Page - Renesas Technology Corp ISL9000IRBCZ Datasheet HTML 5Page - Renesas Technology Corp ISL9000IRBCZ Datasheet HTML 6Page - Renesas Technology Corp ISL9000IRBCZ Datasheet HTML 7Page - Renesas Technology Corp ISL9000IRBCZ Datasheet HTML 8Page - Renesas Technology Corp ISL9000IRBCZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ISL9000
FN9217 Rev 4.00
Page 2 of 11
March 11, 2008
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART MARKING
VO1 VOLTAGE
(V)
VO2 VOLTAGE
(V)
TEMP RANGE (°C)
PACKAGE
(Pb-Free)
PKG DWG. #
ISL9000IRNNZ
DCGA
3.3
3.3
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9000IRNJZ
DAAA
3.3
2.8
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9000IRNFZ
DBAA
3.3
2.5
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9000IRNCZ
DABH
3.3
1.8
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9000IRMNZ
DCHA
3.0
3.3
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9000IRMMZ
DSAA
3.0
3.0
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9000IRMGZ
DCJA
3.0
2.7
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9000IRLLZ
DRAA
2.9
2.9
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9000IRKNZ
DABF
2.85
3.3
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9000IRKKZ
DCAA
2.85
2.85
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9000IRKJZ
DDAA
2.85
2.8
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9000IRKFZ
DEAA
2.85
2.5
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9000IRKPZ
DABG
2.85
1.85
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9000IRKCZ
DHAA
2.85
1.8
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9000IRJNZ
DCKA
2.8
3.3
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9000IRJMZ
DPAA
2.8
3.0
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9000IRJRZ
DNAA
2.8
2.6
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9000IRJCZ
DMAA
2.8
1.8
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9000IRJBZ
DFAA
2.8
1.5
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9000IRGPZ
DABE
2.7
1.85
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9000IRGCZ
DLAA
2.7
1.8
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9000IRFJZ
DGAA
2.5
2.8
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9000IRFDZ
DCLA
2.5
2.0
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9000IRFCZ
DCMA
2.5
1.8
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9000IRPLZ
DKAA
1.85
2.9
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9000IRPPZ
DABJ
1.85
1.85
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9000IRCJZ
DCNA
1.8
2.8
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9000IRCCZ
DCPA
1.8
1.8
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9000IRBLZ
DABD
1.5
2.9
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9000IRBJZ
DJAA
1.5
2.8
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9000IRBCZ
DABC
1.5
1.8
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9000IRBBZ
DABB
1.5
1.5
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
NOTES:
1. Add “-T” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. For other output voltages, contact Intersil Marketing.
3. These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte
tin plate PLUS ANNEAL - e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations.
Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC
J STD-020.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com