Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL9011IRBCZ Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL9011IRBCZ
Description  Dual LDO with Low Noise, Low IQ and High PSRR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9011IRBCZ Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL9011IRBCZ Datasheet HTML 1Page - Renesas Technology Corp ISL9011IRBCZ Datasheet HTML 2Page - Renesas Technology Corp ISL9011IRBCZ Datasheet HTML 3Page - Renesas Technology Corp ISL9011IRBCZ Datasheet HTML 4Page - Renesas Technology Corp ISL9011IRBCZ Datasheet HTML 5Page - Renesas Technology Corp ISL9011IRBCZ Datasheet HTML 6Page - Renesas Technology Corp ISL9011IRBCZ Datasheet HTML 7Page - Renesas Technology Corp ISL9011IRBCZ Datasheet HTML 8Page - Renesas Technology Corp ISL9011IRBCZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ISL9011
FN9219 Rev.5.00
Page 2 of 11
March 10, 2008
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART MARKING
VO1 VOLTAGE
(V)
VO2 VOLTAGE
(V)
TEMP RANGE (°C)
PACKAGE
(Pb-free)
PKG. DWG. #
ISL9011IRNNZ
DAAM
3.3
3.3
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9011IRNJZ
DTAA
3.3
2.8
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9011IRNFZ
DVAA
3.3
2.5
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9011IRNCZ
DAAN
3.3
1.8
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9011IRMNZ
DAAP
3.0
3.3
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9011IRMMZ
DANA
3.0
3.0
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9011IRMGZ
DAAS
3.0
2.7
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9011IRLLZ
DAMA
2.9
2.9
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9011IRKNZ
DAAW
2.85
3.3
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9011IRKKZ
DWAA
2.85
2.85
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9011IRKJZ
DYAA
2.85
2.8
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9011IRKFZ
DABA
2.85
2.5
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9011IRKPZ
DDHA
2.85
1.85
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9011IRKCZ
DAEA
2.85
1.8
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9011IRJNZ
DAAY
2.8
3.3
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9011IRJMZ
DALA
2.8
3.0
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9011IRJRZ
DAKA
2.8
2.6
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9011IRJCZ
DAJA
2.8
1.8
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9011IRJBZ
DACA
2.8
1.5
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9011IRGPZ
DDGA
2.7
1.85
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9011IRGCZ
DAHA
2.7
1.8
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9011IRFJZ
DADA
2.5
2.8
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9011IRFDZ
DCRA
2.5
2.0
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9011IRFCZ
DBMA
2.5
1.8
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9011IRPLZ
DAGA
1.85
2.9
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9011IRPPZ
DDDA
1.85
1.85
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9011IRCJZ
DBVA
1.8
2.8
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9011IRCCZ
DCSA
1.8
1.8
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9011IRBLZ
DBBF
1.5
2.9
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9011IRBJZ
DAFA
1.5
2.8
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9011IRBCZ
DBBH
1.5
1.8
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9011IRBBZ
DDEA
1.5
1.5
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
NOTES:
1. Add “-T” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. For availability and lead time of devices with voltage combinations not listed in the table, contact Intersil Marketing.
3. These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte
tin plate PLUS ANNEAL - e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations.
Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC
J STD-020.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com