Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH-7222 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH-7222
Description  GaAlAs Infrared Emitter (880 nm) and green GaP-LED (565 nm)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-7222 Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH-7222 Datasheet HTML 1Page - OSRAM GmbH SFH-7222 Datasheet HTML 2Page - OSRAM GmbH SFH-7222 Datasheet HTML 3Page - OSRAM GmbH SFH-7222 Datasheet HTML 4Page - OSRAM GmbH SFH-7222 Datasheet HTML 5Page - OSRAM GmbH SFH-7222 Datasheet HTML 6Page - OSRAM GmbH SFH-7222 Datasheet HTML 7Page - OSRAM GmbH SFH-7222 Datasheet HTML 8Page - OSRAM GmbH SFH-7222 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
2012-08-17
4
Version 1.0 (not for new design)
SFH 7222
Temperature coefficient of Ie or Φe
Temperaturkoeffizient von Ie bzw. Φe
(IF = 100 mA)
TCI
-0.5
% / K
Temperature coefficient of VF
Temperaturkoeffizient von VF
(IF = 100 mA)
TCV
-2
mV / K
Temperature coefficient of wavelength
Temperaturkoeffizient der Wellenlänge
(IF = 100 mA)
TCλ
0.25
nm / K
LED
Peak emission wavelength
Max. der spektralen Emission
(IF = 10 mA)
λpeak
565
nm
Dominant wavelength
Dominantwellenlänge
(IF = 10 mA)
λdom
570
nm
Spectral bandwidth at 50% of Imax
Spektrale Bandbreite bei 50% von Imax
(IF = 10 mA)
Δλ
25
nm
Half angle
Halbwinkel
ϕ
± 60
°
Dimensions of active chip area
Abmessungen der aktiven Chipfläche
L x W
0.25 x 0.25
mm x
mm
Rise and fall times of Ie ( 10% and 90% of Ie max)
Schaltzeiten von Ie ( 10% und 90% von Ie max)
(IF = 100 mA, RL = 50 Ω)
tr / tf
450 / 200
ns
Capacitance
Kapazität
(VR = 0 V, f = 1 MHz)
C0
15
pF
Forward voltage
Durchlassspannung
(IF = 10 mA)
VF
2 (≤ 2.6)
V
Reverse current
Sperrstrom
IR
0.01 (≤ 10)
µA
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com