Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH-7225 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH-7225
Description  Multi TOPLED with LED and Phototransistor-Detector
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-7225 Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH-7225 Datasheet HTML 1Page - OSRAM GmbH SFH-7225 Datasheet HTML 2Page - OSRAM GmbH SFH-7225 Datasheet HTML 3Page - OSRAM GmbH SFH-7225 Datasheet HTML 4Page - OSRAM GmbH SFH-7225 Datasheet HTML 5Page - OSRAM GmbH SFH-7225 Datasheet HTML 6Page - OSRAM GmbH SFH-7225 Datasheet HTML 7Page - OSRAM GmbH SFH-7225 Datasheet HTML 8Page - OSRAM GmbH SFH-7225 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
2012-08-17
4
Version 1.0
SFH 7225
Spectral range of sensitivity
Spektraler Bereich der Fotoempfindlichkeit
(S = 10% of Smax)
440 ... 1150
nm
Capacitance
Kapazität
(VCE = 0 V, f = 1 MHz, E = 0)
CCE
5pF
Dark current
Dunkelstrom
(VCE = 25 V)
ICE0
1 (< 200)
nA
Sensitivity to ambient light
Fremdlichtempfindlichkeit
(EV = 1000 lx, Normlicht A / standard light A,
VCE= 5 V)
ICE typ
650
A
MULTILED
MULTILED
Crosstalk: collector-emitter current
Übersprechen: Kollektor-Emitterstrom
(IF = 20 mA, VCE = 5 V)
ICE min
0.5 ... 5.0
mA
Collector-emitter saturation voltage
Collector-emitter saturation voltage
(IF = 20 mA, IC = 0.3 x ICE min)
VCEsat
< 0.4
V
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com