Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB-ASG304-2000 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # EB-ASG304-2000
Description  DC-2000 MHz SiGe HBT Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EB-ASG304-2000 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  EB-ASG304-2000 Datasheet HTML 1Page - List of Unclassifed Manufacturers EB-ASG304-2000 Datasheet HTML 2Page - List of Unclassifed Manufacturers EB-ASG304-2000 Datasheet HTML 3Page - List of Unclassifed Manufacturers EB-ASG304-2000 Datasheet HTML 4Page - List of Unclassifed Manufacturers EB-ASG304-2000 Datasheet HTML 5Page - List of Unclassifed Manufacturers EB-ASG304-2000 Datasheet HTML 6Page - List of Unclassifed Manufacturers EB-ASG304-2000 Datasheet HTML 7Page - List of Unclassifed Manufacturers EB-ASG304-2000 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6/8
www.ASB.co.kr
June 2003
1960 MHz Adjacent Channel Power vs. Channel Output Power
IS-95, 9 Channels Forward
P1dB vs. Frequency
Output IP3 vs. Frequency (Pout per tone = 8 dBm)
Output IP3 vs. Tone Power (Frequency = 2 GHz)
1800
1900
2000
2100
20
22
24
26
28
30
85
oC
25
oC
-40
oC
Frequency (MHz)
1800
1900
2000
2100
20
25
30
35
40
45
50
55
60
85
oC
25
oC
-40
oC
Frequency (MHz)
4
6
8
101214
16
1820
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
85
oC
25
oC
-40
oC
Channel Output Power (dBm)
ASG304
8
1012
1416
20
25
30
35
40
45
50
55
60
85
oC
25
oC
-40
oC
P
out per tone (dBm)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com