Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6529 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP6529
Description  5V to 35V, Three-Phase, Brushless DC Motor Pre-Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6529 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP6529 Datasheet HTML 1Page - Monolithic Power Systems MP6529 Datasheet HTML 2Page - Monolithic Power Systems MP6529 Datasheet HTML 3Page - Monolithic Power Systems MP6529 Datasheet HTML 4Page - Monolithic Power Systems MP6529 Datasheet HTML 5Page - Monolithic Power Systems MP6529 Datasheet HTML 6Page - Monolithic Power Systems MP6529 Datasheet HTML 7Page - Monolithic Power Systems MP6529 Datasheet HTML 8Page - Monolithic Power Systems MP6529 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MP6529 – 5V TO 35V, THREE-PHASE BLDC MOTOR PRE-DRIVER
MP6529 Rev. 1.0
www.MonolithicPower.com
4
10/26/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 24V, TA = 25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Power Supply
Input supply voltage
VIN
5
35
V
I
Q
nSLEEP = 1,
gate not switching
0.95
2
mA
Quiescent current
I
SLEEP
nSLEEP = 0
1
µA
Control Logic
Input logic low threshold
VIL
0.8
V
Input logic high threshold
VIH
2
V
IIN(H)
VIH = 5V
-20
20
µA
Logic input current
IIN(L)
VIL = 0.8V
-20
20
µA
nSLEEP pull-down current
ISLEEP-PD
1
µA
Internal pull-down resistance
R
PD
880
kΩ
Fault Outputs (Open-Drain Outputs)
Output low voltage
VOL
IO = 5mA
0.5
V
Output high leakage current
IOH
VO = 3.3V
1
µA
Protection Circuit
UVLO rising threshold
V
IN_RISE
3.3
3.9
4.5
V
UVLO hysteresis
V
IN_HYS
200
mV
VREG rising threshold
V
REG_RISE
6.8
7.6
8.4
V
VREG hysteresis
V
REG_HYS
0.54
1
V
VREG start-up delay
tREG
700
µs
VOC = 1V
0.8
1
1.2
V
OC_REF threshold
VOC
VOC = 2.4V
2.18
2.4
2.62
V
OCP deglitch time
tOC
3
µs
SLEEP wake-up time
tSLEEP
1
ms
LSS OCP threshold
VLSS-OCP
0.4
0.5
0.6
V
Thermal shutdown
TTSD
150
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com