Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6531A Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP6531A
Description  5V - 60V, Three-Phase, Brushless, DC Motor Pre-Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6531A Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP6531A Datasheet HTML 8Page - Monolithic Power Systems MP6531A Datasheet HTML 9Page - Monolithic Power Systems MP6531A Datasheet HTML 10Page - Monolithic Power Systems MP6531A Datasheet HTML 11Page - Monolithic Power Systems MP6531A Datasheet HTML 12Page - Monolithic Power Systems MP6531A Datasheet HTML 13Page - Monolithic Power Systems MP6531A Datasheet HTML 14Page - Monolithic Power Systems MP6531A Datasheet HTML 15Page - Monolithic Power Systems MP6531A Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
MP6531A – 5V - 60V, THREE-PHASE BLDC MOTOR PRE-DRIVER
MP6531A Rev. 1.02
www.MonolithicPower.com
12
6/20/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
Over-Current Protection (OCP)
The MP6531A can implement output over-
current protection (OCP) by monitoring the
current
through
a
low-side
shunt
resistor
connected to the LS-FETs. This resistor is
connected to the LSS input pin and the LS-FET
source terminals. If the OCP function is not
desired,
LSS
and
the
MOSFET
source
terminals should all be connected to ground
directly.
If the LSS voltage (the voltage across the shunt
resistor) exceeds the LSS OCP threshold
voltage (VLSS-OCP), an OCP event is recognized.
Once an OCP event is detected, the MP6531A
enters a latched fault state and disables all
functions. The device remains latched off until it
is reset by nSLEEP or VIN UVLO. The OCP
current limit level is selected by the value of the
current sense resistor at LSS.
OCP protection can be disabled by connection
a 100k
Ω resistor from VREG to the OCREF pin.
Short-Circuit and OCP Deglitch Time
There is often a current spike during switching
transitions caused by the body diode reverse-
recovery current or the distributed capacitance
of the load. This current spike requires filtering
to prevent it from erroneously triggering OCP.
An internal fixed deglitch time (tOC) blanks the
output of the VDS monitor when the outputs are
switched.
Dead-Time Adjustment
To prevent shoot-through in any phase of the
bridge, it is necessary to have a dead time
(tDEAD) between a high- or low-side turn-off and
the next complementary turn-on event. The
dead time for all three phases is set by a single
dead-time resistor (RDT) between DT and
ground with Equation (1):
tDEAD(nS) = 70*R(kΩ)
(1)
If DT is tied to ground directly, an internal
minimum dead time (130ns) is applied.
Under-Voltage Lockout (UVLO) Protection
If at any time the voltage on VIN falls below the
under-voltage lockout threshold (VIN_RISE), all
circuitry in the device is disabled, and the
internal logic is reset. Operation resumes with
the power-up sequence when VIN rises above
the UVLO thresholds.
After power-up, if the voltage on VREG drops
below the VREG_RISE threshold, the MP6531A
enters a latched fault state and disables all
functions. nFAULT is driven active low. The
device remains latched off until it is reset by
nSLEEP or VIN UVLO.
Thermal Shutdown
If the die temperature exceeds safe limits, the
MP6531A enters a latched fault state and
disables all functions. The device remains
latched off until it is reset by nSLEEP or VIN
UVLO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com