Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL9440CIRZ Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL9440CIRZ
Description  Triple Step-Down PWM and Single Linear Controller with Programmable Soft-Start
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9440CIRZ Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL9440CIRZ Datasheet HTML 1Page - Renesas Technology Corp ISL9440CIRZ Datasheet HTML 2Page - Renesas Technology Corp ISL9440CIRZ Datasheet HTML 3Page - Renesas Technology Corp ISL9440CIRZ Datasheet HTML 4Page - Renesas Technology Corp ISL9440CIRZ Datasheet HTML 5Page - Renesas Technology Corp ISL9440CIRZ Datasheet HTML 6Page - Renesas Technology Corp ISL9440CIRZ Datasheet HTML 7Page - Renesas Technology Corp ISL9440CIRZ Datasheet HTML 8Page - Renesas Technology Corp ISL9440CIRZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
ISL9440B, ISL9440C
FN6799 Rev 4.00
Page 2 of 25
February 18, 2016
Pinout
ISL9440B, ISL9440C
(32 LD 5x5 QFN)
TOP VIEW
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART
MARKING
TEMP. RANGE
(°C)
PACKAGE
(RoHS Compliant)
PKG.
DWG. #
ISL9440BIRZ
9440B IRZ
-40 to +85
32 Ld 5x5 QFN
L32.5x5B
ISL9440CIRZ
(No longer available, recommended replacement:
ISL9440IRZ)
9440C IRZ
-40 to +85
32 Ld 5x5 QFN
L32.5x5B
NOTES:
1. Add “-T” for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-
020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL9440B, ISL9440C. For more information on MSL please see
techbrief TB363.
ISEN1
PGOOD
VCC_5V
VIN
EN/SS1
FB1
OCSET1
RST
ISEN2
PGND
LGATE3
UGATE3
BOOT3
PHASE3
ISEN3
EN/SS3
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
32
31
30
29
28
27
26
25
910
11
12
13
14
15
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com