Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29PDLI27H83PCIN Datasheet(PDF) 20 Page - SPANSION

Part # AM29PDLI27H83PCIN
Description  128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29PDLI27H83PCIN Datasheet(HTML) 20 Page - SPANSION

Back Button AM29PDLI27H83PCIN Datasheet HTML 16Page - SPANSION AM29PDLI27H83PCIN Datasheet HTML 17Page - SPANSION AM29PDLI27H83PCIN Datasheet HTML 18Page - SPANSION AM29PDLI27H83PCIN Datasheet HTML 19Page - SPANSION AM29PDLI27H83PCIN Datasheet HTML 20Page - SPANSION AM29PDLI27H83PCIN Datasheet HTML 21Page - SPANSION AM29PDLI27H83PCIN Datasheet HTML 22Page - SPANSION AM29PDLI27H83PCIN Datasheet HTML 23Page - SPANSION AM29PDLI27H83PCIN Datasheet HTML 24Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 68 page
background image
18
Am29PDL127H
June 30, 2003
ADV ANCE
I N FO RMAT I O N
Bank
Sector
Sector Address (A22-A12)
Sector Size (Kwords)
Address Range (x16)
SA159
10011000XXX
32
4C0000h–4C7FFFh
SA160
10011001XXX
32
4C8000h–4CFFFFh
SA161
10011010XXX
32
4D0000h–4D7FFFh
SA162
10011011XXX
32
4D8000h–4DFFFFh
SA163
10011100XXX
32
4E0000h–4E7FFFh
SA164
10011101XXX
32
4E8000h–4EFFFFh
SA165
10011110XXX
32
4F0000h–4F7FFFh
SA166
10011111XXX
32
4F8000h–4FFFFFh
SA167
10100000XXX
32
500000h–507FFFh
SA168
10100001XXX
32
508000h–50FFFFh
SA169
10100010XXX
32
510000h–517FFFh
SA170
10100011XXX
32
518000h–51FFFFh
SA171
10100100XXX
32
520000h–527FFFh
SA172
10100101XXX
32
528000h–52FFFFh
SA173
10100110XXX
32
530000h–537FFFh
SA174
10100111XXX
32
538000h–53FFFFh
SA175
10101000XXX
32
540000h–547FFFh
SA176
10101001XXX
32
548000h–54FFFFh
SA177
10101010XXX
32
550000h–557FFFh
SA178
10101011XXX
32
558000h–15FFFFh
SA179
10101100XXX
32
560000h–567FFFh
SA180
10101101XXX
32
568000h–56FFFFh
SA181
10101110XXX
32
570000h–577FFFh
SA182
10101111XXX
32
578000h–57FFFFh
SA183
10110000XXX
32
580000h–587FFFh
SA184
10110001XXX
32
588000h–58FFFFh
SA185
10110010XXX
32
590000h–597FFFh
SA186
10110011XXX
32
598000h–59FFFFh
SA187
10110100XXX
32
5A0000h–5A7FFFh
SA188
10110101XXX
32
5A8000h–5AFFFFh
SA189
10110110XXX
32
5B0000h–5B7FFFh
SA190
10110111XXX
32
5B8000h–5BFFFFh
SA191
10111000XXX
32
5C0000h–5C7FFFh
SA192
10111001XXX
32
5C8000h–5CFFFFh
SA193
10111010XXX
32
5D0000h–5D7FFFh
SA194
10111011XXX
32
5D8000h–5DFFFFh
SA195
10111100XXX
32
5E0000h–5E7FFFh
SA196
10111101XXX
32
5E8000h–5EFFFFh
SA197
10111110XXX
32
5F0000h–5F7FFFh
SA198
10111111XXX
32
5F8000h–5FFFFFh
Table 4.
Am29PDL127H Sector Architecture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com