Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL68127IRAZ Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL68127IRAZ
Description  Digital Dual Output, 7-Phase Configurable, PWM Controller with PMBus
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68127IRAZ Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL68127IRAZ Datasheet HTML 9Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 10Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 11Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 12Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 13Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 14Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 15Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 16Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
ISL68127
FN8748 Rev.1.00
Page 13 of 47
Jun 26, 2017
Automatic Phase Add and Drop
To produce the most optimal efficiency across a wide range of
output loading, the modulator supports automatic dropping or
adding of phases. Use of automatic phase dropping is optional. If
automatic phase dropping is enabled, the number of active
phases at any time is determined solely by load current. During
operation, phases of Output 1 will drop beginning with the lowest
phase number assigned. Phase dropping begins with the highest
assigned phase number. Figure 8 illustrates the typical
characteristic of efficiency vs load current vs phase count.
Phases are dropped one at a time with a user-programmed drop
delay between drop events. As an example, suppose the delay is
set to 1ms and three phases are active. If the load suddenly
drops to a level needing only one phase, the ISL68127 will begin
by dropping a phase after 1ms. An additional phase will be
dropped each 1ms thereafter until only one phase remains.
In addition to the described load current add/drop thresholds,
the fast phase add function provides a very rapid response to
transient load conditions. This feature continuously monitors the
system regulation error and, if it exceeds the user set threshold,
all dropped phases will be readied for use. In this way, there is no
delay if all phases are needed to support a load transient. The
fast phase add threshold is set in the PowerNavigator GUI. Output
current threshold for adding and dropping phases can also be
configured.
To ensure dropped phases have sufficient boot capacitor charge
to turn on the high-side MOSFET after a long period of disable, a
boot refresh circuit turns on the low-side MOSFET of each
dropped phase to refresh the boot capacitor. The frequency of
the boot refresh is programmable using PowerNavigator.
Output Voltage Configuration
Output voltage set points and thresholds for each output can be
configured using PowerNavigator. Parameters such as output
voltage, VOUT margin high/low, and VOUT OV/UV fault thresholds
can be configured. Additionally, output voltage and margin
high/low can be adjusted during regulation using the PMBus
commands VOUT_COMMAND, VOUT_MARGIN_HIGH, and
VOUT_MARGIN_LOW for further tuning.
The following VOUT relationships must be maintained for correct
operation: VOUT_OV_FAULT_LIMIT > VOUT_COMMAND
(VOUT_MARGIN_HIGH and VOUT_MARGIN_LOW, if used) >
VOUT_UV_FAULT_LIMIT. Additionally, the VOUT commands are
bounded by VOUT_MAX and VOUT_MIN to provide protection
against incorrect set points being sent to the device.
Switching Frequency
The switching frequency is user-configurable over a range of
200kHz to 1MHz.
Current Sensing
The ISL68127 supports DCR, resistor, and smart power stage
current sensing. Connection to the various sense elements is
accomplished through the CS and CSRTN pins. Current sensing
inputs are high impedance differential inputs to reject noise and
ground related inaccuracies.
To accommodate a wide range of effective sense resistance,
information about the effective sense resistance and required
per phase current capability is used by the GUI to properly
configure the current sense circuitry.
INDUCTOR DCR SENSING
DCR sensing takes advantage of the fact that an inductor
winding has a resistive component (DCR) that will drop a voltage
proportional to the inductor current. Figure 9 shows that the DCR
is treated as a lumped element with one terminal inaccessible
for measurement. Fortunately, a simple R-C network as shown in
Figure 10 is capable of reproducing the hidden DCR voltage. By
simply matching the R-C time constant to the L/DCR time
constant, it is possible to precisely recreate the DCR voltage
across the capacitor. This means that VDCR(t) = VC(t), thus
preserving even the high frequency characteristic of the DCR
voltage.
Modern inductors often have such low DCR values that the
resulting signal is <10mV. To avoid noise problems, care must be
taken in the PCB layout to properly place the R-C components
and route the differential lines between controller and inductor.
Figure 9 shows one PCB design method that places the R
component near the inductor VPHASE and the C component very
close to the IC pins. This minimizes routing of the noisy VPHASE
and maximizes filtering near the IC. The lines between the
inductor and IC should be routed as a pair on a single layer
directly to the controller. Care must be taken to avoid routing the
FIGURE 8. EFFICIENCY vs PHASE NUMBER
LOAD (A)
I1
I2
I3
I4
I5
0
20
60
80
100
120
140
160
180
40
FIGURE 9. DCR SENSING CONFIGURATION
CSn
CSRTNn
C
R
DCR
L
L
DCR
R
C
VOUT
VPHASE
IC
CURRENT
SENSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com