Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM54LS107A Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM54LS107A
Description  Dual Negative-Edge- Triggered Master-Slave J-K Flip-Flops with Clear and Complementary Outputs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM54LS107A Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DM54LS107A Datasheet HTML 1Page - National Semiconductor (TI) DM54LS107A Datasheet HTML 2Page - National Semiconductor (TI) DM54LS107A Datasheet HTML 3Page - National Semiconductor (TI) DM54LS107A Datasheet HTML 4Page - National Semiconductor (TI) DM54LS107A Datasheet HTML 5Page - National Semiconductor (TI) DM54LS107A Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings (Note)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
7V
Input Voltage
7V
Operating Free Air Temperature Range
DM54LS
b
55 Cto a125 C
DM74LS
0 Cto a70 C
Storage Temperature Range
b
65 Cto a150 C
Note
The ‘‘Absolute Maximum Ratings’’ are those values
beyond which the safety of the device cannot be guaran-
teed The device should not be operated at these limits The
parametric values defined in the ‘‘Electrical Characteristics’’
table are not guaranteed at the absolute maximum ratings
The ‘‘Recommended Operating Conditions’’ table will define
the conditions for actual device operation
Recommended Operating Conditions
Symbol
Parameter
DM54LS107A
DM74LS107A
Units
Min
Nom
Max
Min
Nom
Max
VCC
Supply Voltage
45
5
55
475
5
525
V
VIH
High Level Input Voltage
2
2
V
VIL
Low Level Input Voltage
07
08
V
IOH
High Level Output Current
b
04
b
04
mA
IOL
Low Level Output Current
4
8
mA
fCLK
Clock Frequency (Note 2)
0
30
0
30
MHz
fCLK
Clock Frequency (Note 3)
0
25
0
25
MHz
tW
Pulse Width
Clock High
20
20
ns
(Note 2)
Clear Low
25
25
tW
Pulse Width
Clock High
25
25
ns
(Note 3)
Clear Low
30
30
tSU
Setup Time (Notes12)
20
v
20
v
ns
tSU
Setup Time (Notes13)
25
v
25
v
ns
tH
Hold Time (Notes12)
0
v
0
v
ns
tH
Hold Time (Notes13)
5
v
5
v
ns
TA
Free Air Operating Temperature
b
55
125
0
70
C
Note 1
The symbol (
v) indicates the falling edge of the clock pulse is used for reference
Note 2
CL e 15 pF RL e 2kX TA e 25 C and VCC e 5V
Note 3
CL e 50 pF RL e 2kX TA e 25 C and VCC e 5V
Electrical Characteristics over recommended operating free air temperature range (unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 1)
VI
Input Clamp Voltage
VCC e Min II eb18 mA
b
15
V
VOH
High Level Output
VCC e Min IOH e Max
DM54
25
34
V
Voltage
VIL e Max VIH e Min
DM74
27
34
VOL
Low Level Output
VCC e Min IOL e Max
DM54
025
04
Voltage
VIL e Max VIH e Min
DM74
035
05
V
IOL e 4mA VCC eMin
DM74
025
04
II
Input Current
Max
VCC e Max VI e 7V
J K
01
Input Voltage
Clear
03
mA
Clock
04
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com