Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM74LS107A Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM74LS107A
Description  Dual Negative-Edge- Triggered Master-Slave J-K Flip-Flops with Clear and Complementary Outputs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM74LS107A Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DM74LS107A Datasheet HTML 1Page - National Semiconductor (TI) DM74LS107A Datasheet HTML 2Page - National Semiconductor (TI) DM74LS107A Datasheet HTML 3Page - National Semiconductor (TI) DM74LS107A Datasheet HTML 4Page - National Semiconductor (TI) DM74LS107A Datasheet HTML 5Page - National Semiconductor (TI) DM74LS107A Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Electrical Characteristics
over recommended operating free air temperature range (unless otherwise noted) (Continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 1)
IIH
High Level Input
VCC e Max
J K
20
Current
VI e 27V
Clear
60
m
A
Clock
80
IIL
Low Level Input
VCC e Max
J K
b
04
Current
VI e 04V
Clear
b
08
mA
Clock
b
08
IOS
Short Circuit
VCC e Max
DM54
b
20
b
100
mA
Output Current
(Note 2)
DM74
b
20
b
100
ICC
Supply Current
VCC e Max (Note 3)
4
6
mA
Switching Characteristics at VCC e 5V and TA e 25 C (See Section 1 for Test Waveforms and Output Load)
From (Input)
RL e 2kX
Symbol
Parameter
To (Output)
CL e 15 pF
CL e 50 pF
Units
Min
Max
Min
Max
fMAX
Maximum Clock
30
25
MHz
Frequency
tPLH
Propagation Delay Time
Preset
20
24
ns
Low to High Level Output
to Q
tPHL
Propagation Delay Time
Preset
20
28
ns
High to Low Level Output
to Q
tPLH
Propagation Delay Time
Clear
20
24
ns
Low to High Level Output
to Q
tPHL
Propagation Delay Time
Clear
20
28
ns
High to Low Level Output
to Q
tPLH
Propagation Delay Time
Clock to
20
24
ns
Low to High Level Output
Q or Q
tPHL
Propagation Delay Time
Clock to
20
28
ns
High to Low Level Output
Q or Q
Note 1
All typicals are at VCC e 5V TA e 25 C
Note 2
Not more than one output should be shorted at a time and the duration should not exceed one second For devices with feedback from the outputs where
shorting the outputs to ground may cause the outputs to change logic state an equivalent test may be performed where VO e 225V and 2125V for DM54 and
DM74 series respectively with the minimum and maximum limits reduced by one half from their stated values This is very useful when using automatic test
equipment
Note 3
With all inputs open ICC is measured with the Q and Q outputs high in turn At the time of measurement the clock is grounded
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com