Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCA13625 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FCA13625
Description  ~13째 x 44째 oval beam optimized for Nichia NS6x83. Variant with beam direction rotated 90째.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FCA13625 Datasheet(HTML) 1 Page - Ledil, Inc.

  FCA13625 Datasheet HTML 1Page - Ledil, Inc. FCA13625 Datasheet HTML 2Page - Ledil, Inc. FCA13625 Datasheet HTML 3Page - Ledil, Inc. FCA13625 Datasheet HTML 4Page - Ledil, Inc. FCA13625 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
FCA13625_FG2-NIS83-MX-O-90
FG2-NIS83-MX-O-90
~13° x 44° oval beam optimized for Nichia
NS6x83. Variant with beam direction rotated 90°.
G2 assembly with light, white holder.
TECHNICAL SPECIFICATIONS:
Dimensions
21.6 + 21.6 mm
Height
13.5 mm
Fastening
tape
Colour
white
Box size
480 x 280 x 300 mm
Box weight
0 kg
Quantity in Box
pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
ROSE-A-A-O
Lens
PC
clear
ROSE-LT-HLD-N83-WHT
Holder
PC
white
ROSE-TAPE
Tape
PU tape
black
Last update: 17/05/2018
Subject to change without prior notice
1/5
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - FCA13625

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FCA13329 CREE-FCA13329 Datasheet
2Mb / 33P
Billie series
logo
Ledil, Inc.
FCA13329 LEDIL-FCA13329 Datasheet
4Mb / 8P
Asymmetric beam for billboards.
More results

Similar Description - FCA13625

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA11240 LEDIL-CA11240_18 Datasheet
2Mb / 4P
~8째 35째 oval beam. Variant with beam direction rotated 90째. Assembly with tape.
CA13624 LEDIL-CA13624 Datasheet
4Mb / 4P
~45째 x 15째 oval beam optimized for Nichia NS6x83. Variant with beam direction rotated 90째.
FA11145 LEDIL-FA11145_18 Datasheet
3Mb / 4P
~13째 x 45째 oval beam optimized for Osram Golden Dragon . Variant with beam direction rotated 90째. Assembly with white holder.
FA11147 LEDIL-FA11147 Datasheet
2Mb / 4P
~13째 x 45째 oval beam optimized for CREE XR-E. Variant with beam direction rotated 90째. Assembly with white holder.
FA11151 LEDIL-FA11151 Datasheet
3Mb / 5P
~13째 x 45째 oval beam optimized for Nichia NS6x83. Variant with beam direction rotated 90째. Assembly with white holder.
FA11153 LEDIL-FA11153_18 Datasheet
5Mb / 4P
~13째 x 45째 oval beam optimized for CREE XP-E. Variant with beam direction rotated 90째. Assembly with black holder.
FA11155 LEDIL-FA11155 Datasheet
6Mb / 4P
~13째 x 45째 oval beam optimized for CREE MC-E. Variant with beam direction rotated 90째. Assembly with black holder.
CP15678 LEDIL-CP15678 Datasheet
4Mb / 7P
~35째 15째 oval beam. Variant with beam direction rotated 90째.
FP11852 LEDIL-FP11852 Datasheet
3Mb / 5P
~20째 x 50째 oval beam optimized for Osram Oslon SSL 80. Variant with beam direction rotated 90째.
FP11853 LEDIL-FP11853 Datasheet
2Mb / 3P
~20째 x 50째 oval beam optimized for LUXEON Rebel. Variant with beam direction rotated 90째.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com