Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCA14933 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FCA14933
Description  ~30째 spot beam
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FCA14933 Datasheet(HTML) 1 Page - Ledil, Inc.

  FCA14933 Datasheet HTML 1Page - Ledil, Inc. FCA14933 Datasheet HTML 2Page - Ledil, Inc. FCA14933 Datasheet HTML 3Page - Ledil, Inc. FCA14933 Datasheet HTML 4Page - Ledil, Inc. FCA14933 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
FCA14933_SAGA-S-WHT
SAGA-S-WHT
~30° spot beam
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 50 mm
Height
13.7 mm
Fastening
screw
Colour
clear
Box size
480 x 280 x 300 mm
Box weight
10.4 kg
Quantity in Box
630 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
SAGA-S
Lens
Silicone
clear
SAGA-FRAME-WHT
Reflector
HRPC
white
Last update: 18/05/2018
Subject to change without prior notice
1/5
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - FCA14933

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FCA14933 CREE-FCA14933 Datasheet
1Mb / 15P
Saga series
More results

Similar Description - FCA14933

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FA15229 LEDIL-FA15229 Datasheet
5Mb / 4P
~30째 spot beam. Assembly with white holder.
CP13070 LEDIL-CP13070 Datasheet
2Mb / 5P
~30째 30째 rectangular beam
CA16128 LEDIL-CA16128_18 Datasheet
7Mb / 11P
~30째 spot beam beam. Assembly with holder and installation tape.
C11775 LEDIL-C11775 Datasheet
2Mb / 4P
~30째 medium beam
CS16322 LEDIL-CS16322 Datasheet
6Mb / 7P
~30째 spot beam. Variant made from PMMA.
CS16328 LEDIL-CS16328 Datasheet
6Mb / 6P
~30째 spot beam. Variant made from PC.
C10892 LEDIL-C10892 Datasheet
2Mb / 7P
~30째 medium beam
F14486 LEDIL-F14486 Datasheet
15Mb / 13P
~30째 medium beam
C12477 LEDIL-C12477 Datasheet
14Mb / 23P
~30째 medium beam
C12481 LEDIL-C12481 Datasheet
16Mb / 17P
~30째 medium beam
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com