Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCA15048 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FCA15048
Description  ~14째 smooth spot beam optimized for Nichia NCSU033 and NCSU034. Assembly with light, black holder.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FCA15048 Datasheet(HTML) 1 Page - Ledil, Inc.

  FCA15048 Datasheet HTML 1Page - Ledil, Inc. FCA15048 Datasheet HTML 2Page - Ledil, Inc. FCA15048 Datasheet HTML 3Page - Ledil, Inc. FCA15048 Datasheet HTML 4Page - Ledil, Inc. FCA15048 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
FCA15048_G2-NIS033U-SS
G2-NIS033U-SS
~14° smooth spot beam optimized for Nichia
NCSU033 and NCSU034. Assembly with light,
black holder.
TECHNICAL SPECIFICATIONS:
Dimensions
21.6 + 21.6 mm
Height
12.9 mm
Fastening
tape
Colour
black
Box size
480 x 280 x 165 mm
Box weight
7 kg
Quantity in Box
1620 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
ROSE-UV-SS
Lens
Silicone
clear
ROSE-LT-HLD-I-BLK
Holder
PC
black
ROSE-TAPE
Tape
PU tape
black
Last update: 14/05/2018
Subject to change without prior notice
1/5
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - FCA15048

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FCA15007 CREE-FCA15007 Datasheet
366Kb / 6P
Rose series
logo
Ledil, Inc.
FCA15007 LEDIL-FCA15007 Datasheet
4Mb / 4P
~14째 smooth spot beam. Assembly with black holder and installation tape.
FCA15007 LEDIL-FCA15007_18 Datasheet
4Mb / 4P
~14째 smooth spot beam. Assembly with black holder and installation tape.
logo
Cree, Inc
FCA15008 CREE-FCA15008 Datasheet
372Kb / 5P
Rose series
logo
Ledil, Inc.
FCA15008 LEDIL-FCA15008 Datasheet
7Mb / 4P
~25째 medium beam. Assembly with black holder and installation tape.
More results

Similar Description - FCA15048

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA11020 LEDIL-CA11020 Datasheet
3Mb / 4P
~14째 spot beam optimized for Nichia NCSxx19
CA11171 LEDIL-CA11171_18 Datasheet
3Mb / 4P
~14째 spot beam optimized for Nichia NS6x83.
CA10594 LEDIL-CA10594 Datasheet
2Mb / 4P
~15째 smooth spot beam optimized for Nichia NJSx036. Assembly with white holder.
CA10609 LEDIL-CA10609 Datasheet
2Mb / 4P
~15째 smooth spot beam optimized for Nichia NS6x83. Assembly with white holder.
CA12123 LEDIL-CA12123 Datasheet
4Mb / 4P
~15째 smooth spot beam optimized for Nichia NS6x83. Assembly with black holder.
CA13620 LEDIL-CA13620 Datasheet
2Mb / 5P
~15째 smooth spot beam optimized for Nichia NS6x83. G2 assembly with light, white holder.
FA11233 LEDIL-FA11233 Datasheet
6Mb / 4P
~15째 smooth spot beam optimized for Nichia NS9x153. Assembly with black holder.
FCA10935 LEDIL-FCA10935 Datasheet
1Mb / 3P
~15째 smooth spot beam optimized for Nichia NJSx036. Assembly with white holder.
FCA14962 LEDIL-FCA14962 Datasheet
4Mb / 4P
~25째 medium beam optimized for Nichia NCSU033 and NCSU034. Assembly with light, black holder.
FCA15007 LEDIL-FCA15007_18 Datasheet
4Mb / 4P
~14째 smooth spot beam. Assembly with black holder and installation tape.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com