Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCA15450 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FCA15450
Description  ~18째 diffused spot beam
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FCA15450 Datasheet(HTML) 1 Page - Ledil, Inc.

  FCA15450 Datasheet HTML 1Page - Ledil, Inc. FCA15450 Datasheet HTML 2Page - Ledil, Inc. FCA15450 Datasheet HTML 3Page - Ledil, Inc. FCA15450 Datasheet HTML 4Page - Ledil, Inc. FCA15450 Datasheet HTML 5Page - Ledil, Inc. FCA15450 Datasheet HTML 6Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PRODUCT
DATASHEET
FCA15450_FLORENTINA-1-D
FLORENTINA-1-D
~18° diffused spot beam
TECHNICAL SPECIFICATIONS:
Dimensions
39.7x39.7 mm
Height
13 mm
Fastening
tape
Colour
black
Box size
480 x 280 x 300 mm
Box weight
7.9 kg
Quantity in Box
840 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
ROSE-CMC-D
Lens
PC
clear
FLORENTINA-1-HLD
Holder
PC
black
ROSE-TAPE
Tape
PU tape
black
Last update: 25/05/2018
Subject to change without prior notice
1/6
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - FCA15450

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FCA15450 CREE-FCA15450 Datasheet
165Kb / 4P
Florentina series
logo
Ledil, Inc.
FCA15450 LEDIL-FCA15450 Datasheet
1Mb / 24P
Florentina Assembly
More results

Similar Description - FCA15450

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FA13646 LEDIL-FA13646 Datasheet
2Mb / 4P
~18째 diffused spot beam. Assembly with colour mixing lens, holder and installation tape.
FCP14966 LEDIL-FCP14966 Datasheet
6Mb / 7P
~18째 diffused spot beam
FCP15345 LEDIL-FCP15345 Datasheet
6Mb / 5P
~18째 diffused spot beam
CP14996 LEDIL-CP14996 Datasheet
8Mb / 8P
~18째 diffused spot beam
C15013 LEDIL-C15013 Datasheet
6Mb / 6P
~7째 diffused spot beam
CA15519 LEDIL-CA15519_18 Datasheet
5Mb / 5P
~15째 diffused spot beam
C13117 LEDIL-C13117 Datasheet
13Mb / 23P
~18째 smooth spot beam
CA14308 LEDIL-CA14308 Datasheet
3Mb / 5P
~16째 diffused spot beam
C10891 LEDIL-C10891 Datasheet
3Mb / 7P
~18째 spot beam
CA13629 LEDIL-CA13629 Datasheet
8Mb / 10P
~13째 diffused spot beam.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com