Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSS239 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # FSS239
Description  Load Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FSS239 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  FSS239 Datasheet HTML 1Page - Sanyo Semicon Device FSS239 Datasheet HTML 2Page - Sanyo Semicon Device FSS239 Datasheet HTML 3Page - Sanyo Semicon Device FSS239 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FSS239
No.6582-2/4
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Input Capacitance
Ciss
VDS=10V, f=1MHz
900
pF
Output Capacitance
Coss
VDS=10V, f=1MHz
260
pF
Reverse Transfer Capacitance
Crss
VDS=10V, f=1MHz
200
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit
15
ns
Rise Time
tr
See specified Test Circuit
220
ns
Turn-OFF Delay Time
td(off)
See specified Test Circuit
75
ns
Fall Time
tf
See specified Test Circuit
180
ns
Total Gate Charge
Qg
VDS=10V, VGS=10V, ID=7A
32
nC
Gate-to-Source Charge
Qgs
VDS=10V, VGS=10V, ID=7A
1.7
nC
Gate-to-Drain ”Miller” Charge
Qgd
VDS=10V, VGS=10V, ID=7A
6.4
nC
Diode Forward Voltage
VSD
IS=7A, VGS=0
0.86
1.2
V
Switching Time Test Circuit
PW=10
µs
D.C.
≤1%
4V
0V
VIN
P.G
50
Ω
G
S
ID=7A
RL=1.43Ω
VDD=10V
VOUT
VIN
D
FSS239
6
7
8
9
10
5
4
3
2
1
0
0
0.5
1.0
1.5
2.0
2.5
3.0
ID -- VDS
Drain-to-Source Voltage, VDS -- V
0
10
9
8
7
5
6
4
3
2
1
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
2.0
1.8
ID -- VGS
Gate-to-Source Voltage, VGS -- V
VDS=10V
70
60
50
40
30
20
10
0
0
2
4
6
8
10
12
RDS(on) -- VGS
Gate-to-Source Voltage, VGS -- V
Ta=25
°C
ID=2A
7A
0
RDS(on) -- Ta
Ambient Temperature, Ta --
°C
60
50
40
30
20
10
--50
--25
0
25
50
75
100
125
150
ID=7A,
VGS
=4V
ID=2A,
VGS
=2.5V
IT02366
IT02367
IT02368
IT02369
VGS=1.0V
1.5V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com