| Electronic Components Datasheet Search |
|
HCS365T Datasheet(PDF) 6 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
HCS365T Datasheet(HTML) 6 Page - Microchip Technology |
|
6 / 34 page ![]() HCS365 DS41109D-page 6 Preliminary © 2002 Microchip Technology Inc. The HCS365 has an onboard nonvolatile EEPROM. This EEPROM is used to store user programmable data and the synchronization counter. The data is pro- grammed at the time of production and includes the security related information such as encoder keys, serial numbers, discrimination values, and seed val- ues. All the security related options are read protected. The initial counter value is also programmed at the time of production. From then on the device maintains the counter itself. The HCS365 has built in redundancy for protection and can recover from counter corruption. The counter will not increment if the previous write was corrupted by low voltage RESET or power failure dur- ing TPLL. Instead, the counter will revert back to the previous count and the HCS370 will attempt to correct the bad bits. This will continue on every button press until the voltage increases and the counter is success- fully corrected. FIGURE 2-1: TYPICAL CIRCUITS VDD B0 S0 S1 S2 RFEN LED VDD DATA VSS Three buttons remote with PLL control B1 VDD Tx out S0 S1 S2 S3 LED VDD DATA VSS Five buttons remote control (Note) B4 B3 B2 B1 B0 Note: Up to 15 functions can be implemented by pressing more than one button simulta- neously or by using a suitable diode array. VDD Tx out S0 S1 S2 SHIFT LED VDD DATA VSS B1 B0 Tx1 Tx2 DUAL Transmitter remote control RF PLL DATA IN ENABLE B2 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |